Electronic Components Datasheet Search
  English  ▼

X  

SFH-9315 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-9315
Description  Gabellichtschranke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9315 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-9315 Datasheet HTML 1Page - OSRAM GmbH SFH-9315 Datasheet HTML 2Page - OSRAM GmbH SFH-9315 Datasheet HTML 3Page - OSRAM GmbH SFH-9315 Datasheet HTML 4Page - OSRAM GmbH SFH-9315 Datasheet HTML 5Page - OSRAM GmbH SFH-9315 Datasheet HTML 6Page - OSRAM GmbH SFH-9315 Datasheet HTML 7Page - OSRAM GmbH SFH-9315 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH 9315
2007-04-03
3
Kennwerte
T
A = 25 °C
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Sender (GaAs-Diode)
Emitter (GaAs Diode)
Wellenlänge der Strahlung
Wavelength of peak emission
λ
peak
950
nm
Durchla
βspannung
Forward voltage
I
F = 20 mA, tp = 20 ms
V
F
1.2 (
≤ 1.4)
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
μA
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
0
16
pF
Empfänger (Si-Fototransistor)
Detector (Silicon Phototransistor)
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
920
nm
Spectr. Bereich der Fotoempfindlichkeit
Spectral range of sensitivity
S = 10% of S
max
λ
840 … 1080
nm
Kapazität
Capacitance
V
CE = 0 V, f = 1 MHz, E = 0
C
CE
4.5
pF
Dunkelstrom
Dark current
V
CE = 20 V
I
CEO
2 (
≤ 50)
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com