Electronic Components Datasheet Search
  English  ▼

X  

SFH-9315 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-9315
Description  Gabellichtschranke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-9315 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-9315 Datasheet HTML 1Page - OSRAM GmbH SFH-9315 Datasheet HTML 2Page - OSRAM GmbH SFH-9315 Datasheet HTML 3Page - OSRAM GmbH SFH-9315 Datasheet HTML 4Page - OSRAM GmbH SFH-9315 Datasheet HTML 5Page - OSRAM GmbH SFH-9315 Datasheet HTML 6Page - OSRAM GmbH SFH-9315 Datasheet HTML 7Page - OSRAM GmbH SFH-9315 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2007-04-03
4
SFH 9315
Gabellichtschranke
Slotted interrupter
Kollektor-Emitterstrom
Collector-emitter current
I
F = 20 mA; VCE = 5 V
I
CE min.
0.7
mA
Kollektor-Emitter-Sättigungsspannung
Collector-emitter-saturation voltage
I
F = 20 mA; IC = 0.2 mA
V
CE sat
≤ 0.4
V
Anstiegs- und Abfallzeit
Rise and fall time
V
CC = 5 V, IC = 1 mA, RL = 1 kΩ
t
r
t
f
13
17
μs
μs
Kennwerte
T
A = 25 °C
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com