Electronic Components Datasheet Search
  English  ▼

X  

PC7457 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # PC7457
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7457 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button PC7457 Datasheet HTML 18Page - ATMEL Corporation PC7457 Datasheet HTML 19Page - ATMEL Corporation PC7457 Datasheet HTML 20Page - ATMEL Corporation PC7457 Datasheet HTML 21Page - ATMEL Corporation PC7457 Datasheet HTML 22Page - ATMEL Corporation PC7457 Datasheet HTML 23Page - ATMEL Corporation PC7457 Datasheet HTML 24Page - ATMEL Corporation PC7457 Datasheet HTML 25Page - ATMEL Corporation PC7457 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
22
PC7457/47 [Preliminary]
5345B–HIREL–02/04
Processor Bus AC
Specifications
Table 9 provides the processor bus AC timing specifications for the PC7457 as defined
in Figure 17 on page 34 and Figure 9 on page 23. Timing specifications for the L3 bus
are provided in section “L3 Clock AC Specifications” on page 24.
Notes:
1. All input specifications are measured from the midpoint of the signal in question to the midpoint of the rising edge of the input
SYSCLK. All output specifications are measured from the midpoint of the rising edge of SYSCLK to the midpoint of the sig-
nal in question. All output timings assume a purely resistive 50
Ω load (see Figure 17 on page 34). Input and output timings
are measured at the pin; time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
Table 9. Processor Bus AC Timing Specifications
(1) (at Recommended Operating Conditions, see Table 3 on page 12.)
Symbol(2)
Parameter
All Speed Grades
Unit
VDD = 1.1V
Min
VDD = 1.3V
Max
tAVKH
t
DVKH
tIVKH
tMVKH
(8)
Input setup times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], GBL,
TT[0:3], QACK, TA, TBEN, TEA, TS,
EXT_QUAL, PMON_IN, SHD[0:1],
BMODE[0:1], BMODE[0:1], BVSEL, L3VSEL
2.0
2.0
2.0
2
1.8
1.8
1.8
1.8
–
–
–
–
ns
tAXKH
tDXKH
t
IXKH
t
MXKH
(8)
Input hold times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3], GBL,
TT[0:3], QACK, TA, TBEN, TEA, TS, EXT_QUAL,
PMON_IN, SHD[0:1]
BMODE[0:1], BMODE[0:1], BVSEL, L3VSEL
0
0
0
0
0
0
0
0
–
–
–
–
ns
t
KHAV
t
KHDV
tKHOV
Output valid times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BR, CI, CKSTP_IN, DRDY, DTI[0:3],
GBL, HIT, PMON_OUT, QREQ, TBST, TSIZ[0:2], TT[0:3],
TS, SHD[0:1], WT
–
–
–
–
–
–
2
2
2
ns
t
KHAX
tKHDX
t
KHOX
Output hold times:
A[0:35], AP[0:4]
D[0:63], DP[0:7]
AACK, ARTRY, BR, CI, CKSTP_IN, DRDY, DTI[0:3],
GBL, HIT, PMON_OUT, QREQ, TBST, TSIZ[0:2], TT[0:3],
TS, SHD[0:1], WT
0.5
0.5
0.5
0.5
0.5
0.5
–
–
–
ns
t
KHOE
SYSCLK to output enable
0.5
0.5
–
ns
t
KHOZ
SYSCLK to output high impedance (all except TS, ARTRY,
SHD0, SHD1)
––
3.5
ns
t
KHTSPZ
(3)(4)(5)
SYSCLK to TS high impedance after precharge
–
–
1
t
SYSCLK
t
KHARP
(3)(5)(6)(7)
Maximum delay to ARTRY/SHD0/SHD1 precharge
–
–
1
t
SYSCLK
tKHARPZ
(3)(5)(6)(7)
SYSCLK to ARTRY/SHD0/SHD1 high impedance after
precharge
––2
t
SYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com