Electronic Components Datasheet Search
  English  ▼

X  

PC7457 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC7457
Description  PowerPC 7457 RISC Microprocessor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7457 Datasheet(HTML) 3 Page - ATMEL Corporation

  PC7457 Datasheet HTML 1Page - ATMEL Corporation PC7457 Datasheet HTML 2Page - ATMEL Corporation PC7457 Datasheet HTML 3Page - ATMEL Corporation PC7457 Datasheet HTML 4Page - ATMEL Corporation PC7457 Datasheet HTML 5Page - ATMEL Corporation PC7457 Datasheet HTML 6Page - ATMEL Corporation PC7457 Datasheet HTML 7Page - ATMEL Corporation PC7457 Datasheet HTML 8Page - ATMEL Corporation PC7457 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
+
Integer
Reservation
Station
Unit 2
+
Integer
Reservation
Station
Unit 2
Additional Features
- Time Base Counter/Decrementer
- Clock Multiplier
- JTAG/COP Interface
- Thermal/Power Management
- Performance Monitor
PA
Instruction Unit
Instruction Queue
(12-Word)
96-Bit (3 Instructions)
Reservation
128-Bit (4 Instructions)
32-Bit
FPSCR
FPSCR
+ x ÷
Floating-
Point Unit
64-Bit
Reservation
32-Bit
Completion Unit
Completion Queue
(16-Entry)
32-Kbyte
D Cache
36-Bit
64-Bit
Stations (2)
Station
Reservation
v
Stations (2)
FPR File
16 Rename
Buffers
Stations (2-Entry)
GPR File
16 Rename
Buffers
Reservation
Station
VR File
16 Rename
Buffers
64-Bit
128-Bit
Completes up
Instruction MMU
SRs
128-Entry
IBAT Array
ITLB
Tags
32-Kbyte
I Cache
Vector
Touch
Queue
VR Issue
FPR Issue
Branch Processing Unit
CTR
LR
BTIC (128-Entry)
BHT (2048-Entry)
Fetcher
GPR Issue
(6-Entry/3-Issue)
(4-Entry/2-Issue)
(2-Entry/1-Issue)
Dispatch
Unit
Data MMU
SRs
(Original)
128-Entry
DBAT Array
DTLB
32-Bit
EA
Status
L2 Store Queue (L2SQ)
Vector
FPU
Reservation
Station
Reservation
v
Station
Reservation
Station
Vector
Integer
er
Unit 1
Vector
Integer
er
Unit 2
Vector
Permute
Unit
Line
Tags
Block 0 (32-Byte)
Status
Block 1 (32-Byte)
Memory Subsystem
Snoop Push/
Interventions
L1 Castouts
Bus Accumulator
(4)
x ÷
Integer
Unit 2
to three
per clock
instructions
L1 Load Queue (LLQ)
L1 Load Miss (5)
Cacheable Store Request(1)
L1 Service
L1 Store Queue
(LSQ)
L3 Cache Controller(1)
L3CR
Status
Tags
Bus Accumulator
Block 0/1
Line
System Bus Interface
L2 Prefetch (3)
64-Bit Data
(8-Bit Parity)
External SRAM
Address Bus
Data Bus
Queues
Castout
Bus Store Queue
Push
Load
Queue (11)
Queue (9)/
Queue (10)(2)
Notes: 1. The L3 cache interface is not implemented on the PC7447.
2. The Castout Queue and Push Queue share resources such for a combined total of 10 entries.
The Castout Queue itself is limited to 9 entries, ensuring 1 entry will be available for a push.
512-Kbyte UniÞed L2 Cache Controller
19-Bit Address
(1, 2, or 4 Mbytes)
Tags
Instruction Fetch (2)
128-Bit
Reservation
(Shadow)
+
Load/Store Unit
(EA Calculation)
Finished
Completed
Stores
Stores
Load Miss
L1 Castout
L1 Push
Vector Touch Engine
+
Integer
(3)
Unit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com