Electronic Components Datasheet Search
  English  ▼

X  

TLE9252V Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9252V
Description  High-Speed CAN FD Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9252V Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9252V Datasheet HTML 35Page - Infineon Technologies AG TLE9252V Datasheet HTML 36Page - Infineon Technologies AG TLE9252V Datasheet HTML 37Page - Infineon Technologies AG TLE9252V Datasheet HTML 38Page - Infineon Technologies AG TLE9252V Datasheet HTML 39Page - Infineon Technologies AG TLE9252V Datasheet HTML 40Page - Infineon Technologies AG TLE9252V Datasheet HTML 41Page - Infineon Technologies AG TLE9252V Datasheet HTML 42Page - Infineon Technologies AG TLE9252V Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Data Sheet
39
Rev. 1.01
2018-01-09
TLE9252V
High-Speed CAN FD Transceiver
Electrical characteristics
9.5
Transmitter
Table 14
Transmitter
4.5 V < VCC <5.5 V; 3.0V< VIO <5.5 V; 5.5V< VBAT <40V; RL =60 Ω; -40°C < TJ < 150°C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or Test Condition Number
Min. Typ. Max.
Bus transmitter
CANH, CANL “recessive”
output voltage
VCANL/H
2.0
2.5
3.0
V
Normal-operating
Mode,
Receive-only Mode,
VTxD = VIO,
No load
P_9.5.1
CANH, CANL “recessive”
output voltage difference
VDiff_R_NM =
VCANH - VCANL
-500 –
50
mV
VTxD = VIO,
No load
P_9.5.2
CANH “dominant” output
voltage
Normal-operating Mode
VCANH
2.75 –
4.5
V
VTxD =0V,
50 Ω < RL <65 Ω,
4.75V < VCC < 5.25
P_9.5.3
CANL “dominant” output
voltage
Normal-operating Mode
VCANL
0.5
–
2.25 V
VTxD =0V,
50 Ω < RL <65 Ω,
4.75V < VCC < 5.25
P_9.5.4
CANH, CANL “dominant”
output voltage difference:
VDiff_D = VCANH - VCANL
Normal-operating Mode
VDiff_D
1.5
2.0
3.0
V
VTxD =0V,
50 Ω < RL <65 Ω,
4.75V < VCC < 5.25
P_9.5.5
CANH, CANL “dominant”
output voltage difference
extended bus load
VDiff_D = VCANH - VCANL
Normal-operating Mode
VDiff_D_EXT_BL 1.4
–
3.3
V
VTxD =0V,
RL =45 Ω < RL < 70Ω,
4.75V < VCC < 5.25
P_9.5.6
CANH, CANL “dominant”
output voltage difference high
extended bus load
Normal-operating mode
VDiff = VCANH - VCANL
VDiff_D_HEXT_BL 1.5
–
5.0
V
VTxD =0V,
RL = 2240 Ω1),
4.75 V < VCC < 5.25,
static behavior
P_9.5.7
CANH, CANL “recessive”
output voltage
Sleep Mode
VCANL_H
-0.1 –
0.1
V
No load
P_9.5.8
CANH, CANL “recessive”
output voltage difference
Sleep Mode
VDiff_SLP
-0.2 –
0.2
V
No load
P_9.5.9
Driver symmetry
VSYM =(VCANH + VCANL)/VCC
VSYM
0.9
1.0
1.1
-
RL = 60 Ω, C1 = 4.7 nF 1)2) P_9.5.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com