Electronic Components Datasheet Search
  English  ▼

X  

TLE9252V Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE9252V
Description  High-Speed CAN FD Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9252V Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE9252V Datasheet HTML 40Page - Infineon Technologies AG TLE9252V Datasheet HTML 41Page - Infineon Technologies AG TLE9252V Datasheet HTML 42Page - Infineon Technologies AG TLE9252V Datasheet HTML 43Page - Infineon Technologies AG TLE9252V Datasheet HTML 44Page - Infineon Technologies AG TLE9252V Datasheet HTML 45Page - Infineon Technologies AG TLE9252V Datasheet HTML 46Page - Infineon Technologies AG TLE9252V Datasheet HTML 47Page - Infineon Technologies AG TLE9252V Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
Data Sheet
44
Rev. 1.01
2018-01-09
TLE9252V
High-Speed CAN FD Transceiver
Electrical characteristics
9.8
Wake-up
9.8.1
General wake-up timings
Figure 33 Wake-up detection
Table 17
General wake-up timings
4.5 V < VCC <5.5 V; 3.0V< VIO <5.5 V; 5.5V< VBAT <40V; RL =60 Ω; -40°C < TJ < 150°C;
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
INH wake-up delay time
tWU_INH
–
–
30.0
µs
VBAT = 14.0 V,
RINH = 100 kΩ,
see Figure 33
P_9.8.1
Bias reaction time
tWU_Bias
–
–
100
µs
See Figure 33
P_9.8.2
t
INH pin
70% of VBAT
LWU, WUP detected
Connected to GND
2,5V
Bus Biasing
tWU_Bias
tWU_INH
Sleep Mode
Mode
Stand-by Mode
tMode
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com