Electronic Components Datasheet Search
  English  ▼

X  

TLE8251V Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8251V
Description  High Speed CAN Transceiver with Bus Wake-up
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8251V Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8251V Datasheet HTML 9Page - Infineon Technologies AG TLE8251V Datasheet HTML 10Page - Infineon Technologies AG TLE8251V Datasheet HTML 11Page - Infineon Technologies AG TLE8251V Datasheet HTML 12Page - Infineon Technologies AG TLE8251V Datasheet HTML 13Page - Infineon Technologies AG TLE8251V Datasheet HTML 14Page - Infineon Technologies AG TLE8251V Datasheet HTML 15Page - Infineon Technologies AG TLE8251V Datasheet HTML 16Page - Infineon Technologies AG TLE8251V Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Data Sheet
13
Rev. 1.0
2016-07-15
TLE8251V
High Speed CAN Transceiver with Bus Wake-up
Functional Description
4.4
Remote Wake-up
The TLE8251VSJ has a remote wake-up feature, also called bus wake-up feature. In both stand-by mode and
forced stand-by mode, the low-power receiver monitors the activity on the CAN bus and in case it detects a
wake-up signal, the TLE8251VSJ indicates the wake-up signal on the RxD output pin.
While entering stand-by mode, the RxD output pin is set to logical “high”, regardless of the signal on the CAN
bus. The low-power receiver of the TLE8251VSJ requires a signal change from recessive to dominant on the
CAN bus before the RxD output is enabled to follow the signals on the HS CAN bus.
HS CAN bus signals, dominant or recessive, with a pulse width above the CAN activity filter time t > tFilter are
indicated on the RxD output pin. Glitches with a pulse width below the CAN activity filter time t < tFilter are
ignored and not considered a valid wake-up signal. The RxD output reacts within the reaction time tWU_Rec after
detecting a wake-up signal (see Figure 8).
Note:
A wake-up event on the CAN bus is only indicated on the RxD output, no automatic change of the
operating mode is applied. To enter normal-operating mode, the external microcontroller needs to
change the signal on the STB pin.
The wake-up logic is supplied by the power supply VIO (see Figure 1). In case the TLE8251VSJ is in stand-by
mode the power supply VCC can be turned off, while the TLE8251VSJ is still able to detect a wake-up signal on
the HS CAN bus (see also Figure 4).
Figure 8
Wake-up pattern
RxD
VDiff
t
t
STB
1.15V
1.15 V
t
0.7 x VIO
t = tFilter
0.3 x VIO
t = tWU_Rec
VDiff = VCANH - VCANL
t = tFilter
t = tWU_Rec
t < tFilter
0.4V
0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com