Electronic Components Datasheet Search
  English  ▼

X  

TLE8251V Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8251V
Description  High Speed CAN Transceiver with Bus Wake-up
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8251V Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8251V Datasheet HTML 17Page - Infineon Technologies AG TLE8251V Datasheet HTML 18Page - Infineon Technologies AG TLE8251V Datasheet HTML 19Page - Infineon Technologies AG TLE8251V Datasheet HTML 20Page - Infineon Technologies AG TLE8251V Datasheet HTML 21Page - Infineon Technologies AG TLE8251V Datasheet HTML 22Page - Infineon Technologies AG TLE8251V Datasheet HTML 23Page - Infineon Technologies AG TLE8251V Datasheet HTML 24Page - Infineon Technologies AG TLE8251V Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Data Sheet
21
Rev. 1.0
2016-07-15
TLE8251V
High Speed CAN Transceiver with Bus Wake-up
Electrical Characteristics
CANH, CANL dominant
output voltage difference
normal-operating mode
according to ISO 11898-2
VDiff = VCANH - VCANL
VDiff
1.5
–
3.0
V
VTxD =0 V,
50 Ω < RL <65 Ω,
4.75 < VCC <5.25 V;
P_7.1.48
CANH, CANL dominant
output voltage difference
normal-operating mode
VDiff = VCANH - VCANL
VDiff_EXT
1.4
–
3.3
V
VTxD =0 V,
45 Ω < RL <70 Ω,
4.75 < VCC <5.25 V;
P_7.1.49
CANH, CANL dominant
output voltage difference
normal-operating mode
VDiff = VCANH - VCANL
VDiff_HEXT
1.5
–
5
V
VTxD =0 V,
static behavior,
RL = 2240Ω,
4.75 < VCC <5.25 V 1) ;
P_7.1.50
Driver dominant symmetry
normal-operating mode
VSYM =VCANH + VCANL
VSYM
4.5
5
5.5
V
VCC =5.0 V, VTxD =0V;
P_7.1.51
CANL short circuit current
ICANLsc
40
75
100
mA VCANLshort =18 V,
VCC =5.0 V, t< tTxD,
VTxD =0 V;
P_7.1.52
CANH short circuit current
ICANHsc
-100
-75
-40
mA VCANHshort = -3 V,
VCC =5.0 V, t<tTxD,
VTxD =0 V;
P_7.1.53
Leakage current, CANH
ICANH,lk
-5
–
5
µA
VCC = VIO =0 V,
0V< VCANH <5 V,
VCANH = VCANL;
P_7.1.54
Leakage current, CANL
ICANL,lk
-5
–
5
µA
VCC = VIO =0 V,
0V< VCANL <5 V,
VCANH = VCANL;
P_7.1.55
Table 6
Electrical characteristics (cont’d)
4.5 V < VCC <5.5 V; 3.0 V < VIO <5.5 V; RL =60 Ω; -40 °C < Tj < 150 °C; all voltages with respect to ground; positive
current flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com