Electronic Components Datasheet Search
  English  ▼

X  

TLE8250X Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE8250X
Description  High Speed CAN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250X Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE8250X Datasheet HTML 21Page - Infineon Technologies AG TLE8250X Datasheet HTML 22Page - Infineon Technologies AG TLE8250X Datasheet HTML 23Page - Infineon Technologies AG TLE8250X Datasheet HTML 24Page - Infineon Technologies AG TLE8250X Datasheet HTML 25Page - Infineon Technologies AG TLE8250X Datasheet HTML 26Page - Infineon Technologies AG TLE8250X Datasheet HTML 27Page - Infineon Technologies AG TLE8250X Datasheet HTML 28Page - Infineon Technologies AG TLE8250X Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
25
Rev. 1.0
2016-07-15
TLE8250X
High Speed CAN Transceiver
Application Information
8.2
Application Example
Figure 13
Application circuit
example ECU design
VBAT
TLE8250XSJ
VCC
CANH
CANL
GND
RM
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
100 nF
22 uF
EN
Q2
VIO
22 uF
100 nF
TLE8250XSJ
VCC
CANH
CANL
GND
RM
TxD
RxD
7
6
1
4
8
2
3
Microcontroller
e.g. XC22xx
VCC
GND
Out
Out
In
TLE4476D
GND
IQ1
100 nF
100 nF
22 uF
EN
Q2
VIO
22 uF
100 nF
5
5
optional:
common mode choke
optional:
common mode choke
CANH
CANL
120
Ohm
120
Ohm
CANH
CANL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com