Electronic Components Datasheet Search
  English  ▼

X  

TLE8250X Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8250X
Description  High Speed CAN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250X Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8250X Datasheet HTML 9Page - Infineon Technologies AG TLE8250X Datasheet HTML 10Page - Infineon Technologies AG TLE8250X Datasheet HTML 11Page - Infineon Technologies AG TLE8250X Datasheet HTML 12Page - Infineon Technologies AG TLE8250X Datasheet HTML 13Page - Infineon Technologies AG TLE8250X Datasheet HTML 14Page - Infineon Technologies AG TLE8250X Datasheet HTML 15Page - Infineon Technologies AG TLE8250X Datasheet HTML 16Page - Infineon Technologies AG TLE8250X Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Data Sheet
13
Rev. 1.0
2016-07-15
TLE8250X
High Speed CAN Transceiver
Fail Safe Functions
5
Fail Safe Functions
5.1
Short Circuit Protection
The CANH and CANL bus outputs are short circuit proof, either against GND or a positive supply voltage. A
current limiting circuit protects the transceiver against damages. If the device is heating up due to a
continuous short on the CANH or CANL, the internal overtemperature protection switches off the bus
transmitter.
5.2
Unconnected Logic Pins
All logic input pins have an internal pull-up resistor to VIO or a pull-down resistor to GND. In case the VIO supply
is activated and the logical pins are open, the TLE8250XSJ enters into the normal-operating mode by default.
The TxD input is pulled to logical “high” due to the internal pull-up resistor to VIO. The HS CAN transceiver
TLE8250XSJ will not influence the data on the CAN bus as long the TxD input pin remains logical “high”.
5.3
TxD Time-out Function
The TxD time-out feature protects the CAN bus against permanent blocking in case the logical signal on the
TxD pin is continuously “low”. A continuous “low” signal on the TxD pin might have its root cause in a locked-
up microcontroller or in a short circuit on the printed circuit board, for example. In normal-operating mode, a
logical “low” signal on the TxD pin for the time t > tTxD enables the TxD time-out feature and the TLE8250XSJ
disables the transmitter (see Figure 8). The receiver is still active and the data on the bus continues to be
monitored by the RxD output pin.
Figure 8
TxD time-out function
Figure 8 illustrates how the transmitter is deactivated and activated again. A permanent “low” signal on the
TxD input pin activates the TxD time-out function and deactivates the transmitter. To release the transmitter
after a TxD time-out event the TLE8250XSJ requires a signal change on the TxD input pin from logical “low” to
logical “high”.
TxD
t
t
CANH
CANL
RxD
t
TxD time-out
TxD time–out released
t > tTxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com