| Electronic Components Datasheet Search |
|
TLE8250 Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250 Datasheet(HTML) 8 Page - Infineon Technologies AG |
|
8 / 31 page ![]() Data Sheet 8 Rev. 1.0 2016-07-15 TLE8250 High Speed CAN Transceiver Functional Description 4.2 Modes of Operation The supports three different modes of operation, power-save mode, receive-only mode and normal- operating mode while the transceiver is supplied according to the specified functional range. The mode of operation is selected by the NEN and the NRM input pins (see Figure 4). Figure 4 Mode state diagram 4.2.1 Normal-operating Mode In normal-operating mode the transmitter and the receiver of the HS CAN transceiver are active (see Figure 1). The HS CAN transceiver sends the serial data stream on the TxD input pin to the CAN bus. The data on the CAN bus is displayed at the RxD pin simultaneously. A logical “low” signal on the NEN pin and a logical “high” signal on the NRM pin selects the normal-operating mode, while the transceiver is supplied by VCC (see Table 2 for details). 4.2.2 Power-save Mode The power-save mode is an idle mode of the with optimized power consumption. In power-save mode the transmitter and the normal-mode receiver are turned off. The can not send any data to the HS CAN bus nor receive any data from the HS CAN bus. The RxD output pin is permanently “high” in the power-save mode. A logical “high” signal on the NEN pin selects the power-save mode, while the transceiver is supplied by the transmitter supply VCC (see Table 2 for details). In power-save mode the bus input pins are not biased. Therefore the CANH and CANL input pins are floating and the HS CAN bus interface has a high resistance. 4.2.3 Receive-only Mode In receive-only mode the normal-mode receiver is active and the transmitter is turned off. The can receive data from the HS CAN bus, but cannot send any data to the HS CAN bus. A logical “low” signal on the NEN pin and a logical “low” signal on the NRM pin selects the receive-only mode, while the transceiver is supplied by VCC (see Table 2 for details). power-save mode NEN = 0 VCC > VCC(UV,R) NEN = 1 NRM = “X” normal-operating mode NEN = 0 NRM = 1 receive-only mode NEN = 0 NRM = 0 VCC > VCC(UV,R) VCC > VCC(UV,R) NRM = 0 NEN = 0 NRM = 1 NEN = 0 NRM = 1 NEN = 1 NRM = “X” NEN = 0 NRM = 0 NEN = 1 NRM = “X” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |