Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL7457CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EL7457
FN7288 Rev 4.00
Page 5 of 12
January 26, 2012
Typical Performance Curves
FIGURE 1. SWITCH THRESHOLD vs SUPPLY VOLTAGE
FIGURE 2. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 3. “ON” RESISTANCE vs SUPPLY VOLTAGE
FIGURE 4. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs TEMPERATURE
FIGURE 6. PROPAGATION DELAY vs SUPPLY VOLTAGE
T=25°C
HIGH LIMIT=2.4V
LOW LIMIT=0.8V
HYSTERESIS
1.8
1.6
1.4
1.2
1
5
7
10
12
15
SUPPLY VOLTAGE (V)
T=25°C
ALL INPUTS=0
ALL INPUTS=VS+
2
1.6
1.2
0.8
0
5
7
10
12
15
SUPPLY VOLTAGE (V)
0.4
IOUT=100mA
T=25°C
VL TO OUT
9
8
6
4
2
5
7
10
12
15
SUPPLY VOLTAGE (V)
3
7
5
VH TO OUT
CL=1000pF
T=25°C
25
20
15
10
5
5
7
10
12
15
SUPPLY VOLTAGE (V)
tF
tR
CL=1000pF
VS+=15V
16
14
12
8
6
-50
0
50
100
125
TEMPERATURE (°C)
tF
tR
10
25
75
-25
CL=1000pF
25
20
15
5
510
15
SUPPLY VOLTAGE (V)
10
12
7
tD2
tD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com