Electronic Components Datasheet Search
  English  ▼

X  

EL7457CSZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL7457CSZ
Description  40MHz Non-Inverting Quad CMOS Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7457CSZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL7457CSZ Datasheet HTML 1Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 2Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 3Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 4Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 5Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 6Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 7Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 8Page - Renesas Technology Corp EL7457CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL7457
FN7288 Rev 4.00
Page 2 of 12
January 26, 2012
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
EL7457CUZ
7457CUZ
-40°C to +85°C
16 Ld QSOP (0.150”)
MDP0040
EL7457CUZ-T13 (Note 1)
7457CUZ
-40°C to +85°C
16 Ld QSOP (0.150”)
MDP0040
EL7457CUZ-T7 (Note 1)
7457CUZ
-40°C to +85°C
16 Ld QSOP (0.150”)
MDP0040
EL7457CUZ-T7A (Note 1)
7457CUZ
-40°C to +85°C
16 Ld QSOP (0.150”)
MDP0040
EL7457CSZ
EL7457CSZ
-40°C to +85°C
16 Ld SO (0.150”)
MDP0027
EL7457CSZ-T13 (Note 1)
EL7457CSZ
-40°C to +85°C
16 Ld SO (0.150”)
MDP0027
EL7457CSZ-T7 (Note 1)
EL7457CSZ
-40°C to +85°C
16 Ld SO (0.150”)
MDP0027
EL7457CSZ-T7A (Note 1)
EL7457CSZ
-40°C to +85°C
16 Ld SO (0.150”)
MDP0027
EL7457CLZ
7457CLZ
-40°C to +85°C
16 Ld QFN (4x4mm)
L16.4X4H
EL7457CLZ-T13 (Note 1)
7457CLZ
-40°C to +85°C
16 Ld QFN (4x4mm)
L16.4X4H
EL7457CLZ-T7 (Note 1)
7457CLZ
-40°C to +85°C
16 Ld QFN (4x4mm)
L16.4X4H
EL7457CLZ-T7A (Note 1)
7457CLZ
-40°C to +85°C
16 Ld QFN (4x4mm)
L16.4X4H
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for EL7457. For more information on MSL please see tech brief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com