Electronic Components Datasheet Search
  English  ▼

X  

DLPC3432CZVB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3432CZVB
Description  Display Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3432CZVB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC3432CZVB Datasheet HTML 17Page - Texas Instruments DLPC3432CZVB Datasheet HTML 18Page - Texas Instruments DLPC3432CZVB Datasheet HTML 19Page - Texas Instruments DLPC3432CZVB Datasheet HTML 20Page - Texas Instruments DLPC3432CZVB Datasheet HTML 21Page - Texas Instruments DLPC3432CZVB Datasheet HTML 22Page - Texas Instruments DLPC3432CZVB Datasheet HTML 23Page - Texas Instruments DLPC3432CZVB Datasheet HTML 24Page - Texas Instruments DLPC3432CZVB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
tw(L)
RESETZ
80%
50%
20%
DC Power
Supplies
80%
50%
20%
80%
50%
20%
80%
50%
20%
tw(L)
tw(L)
tt
tt
MOSC
50%
80%
20%
50%
50%
tc
tw(H)
tw(L)
tt
80%
20%
tt
21
DLPC3432
www.ti.com
DLPS108B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: DLPC3432
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
The I/O pin TSTPT_6 enables the ASIC to use two different oscillator frequencies through a pullup control at initial ASIC power-up.
TSTPT_6 should be grounded so that 24 MHz is always selected.
(2)
The frequency accuracy for MOSC is ±200 PPM. This includes impact to accuracy due to aging, temperature, and trim sensitivity. The
MOSC input cannot support spread spectrum clock spreading.
(3)
Applies only when driven through an external digital oscillator.
6.10 System Oscillators Timing Requirements
see
(1)
PARAMETER
MIN
MAX
UNIT
fclock
Clock frequency, MOSC(2)
24-MHz oscillator
23.998
24.002
MHz
tc
Cycle time, MOSC(2)
24-MHz oscillator
41.670
41.663
ns
tw(H)
Pulse duration(3), MOSC, high
50% to 50% reference points (signal)
40 tc%
tw(L)
Pulse duration(3), MOSC, low
50% to 50% reference points (signal)
40 tc%
tt
Transition time(3), MOSC, tt = tf / tr
20% to 80% reference points (signal)
10
ns
tjp
Long-term, peak-to-peak, period jitter(3), MOSC
(that is the deviation in period from ideal period
due solely to high frequency jitter)
2%
(1)
For more information on RESETZ, see Pin Configuration and Functions.
Figure 2. System Oscillators
6.11 Power-Up and Reset Timing Requirements
PARAMETER
MIN
MAX
UNIT
tw(L)
Pulse duration, inactive low, RESETZ
50% to 50% reference points (signal)
1.25
µs
tt
Transition time, RESETZ(1), tt = tf / tr
20% to 80% reference points (signal)
0.5
µs
Figure 3. Power-Up and Power-Down RESETZ Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com