Electronic Components Datasheet Search
  English  ▼

X  

DLPC3432CZVB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3432CZVB
Description  Display Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3432CZVB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLPC3432CZVB Datasheet HTML 3Page - Texas Instruments DLPC3432CZVB Datasheet HTML 4Page - Texas Instruments DLPC3432CZVB Datasheet HTML 5Page - Texas Instruments DLPC3432CZVB Datasheet HTML 6Page - Texas Instruments DLPC3432CZVB Datasheet HTML 7Page - Texas Instruments DLPC3432CZVB Datasheet HTML 8Page - Texas Instruments DLPC3432CZVB Datasheet HTML 9Page - Texas Instruments DLPC3432CZVB Datasheet HTML 10Page - Texas Instruments DLPC3432CZVB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
7
DLPC3432
www.ti.com
DLPS108B – FEBRUARY 2018 – REVISED APRIL 2018
Product Folder Links: DLPC3432
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For DSI, differential data bus(0) is required for DSI operation with the remaining 3 data lanes being optional or implementation specific
as needed. Any unused DSI LVDS pairs should be unconnected and left floating.
(2)
RREF is an analog signal that requires a fixed precision resistor connected to this pin when DSI is utilized. If DSI is NOT utilized then this
signal should be unconnected and left floating on the board design.
Pin Functions - DSI Input Data and Clock
Added PIN
I/O
DESCRIPTION
NAME
NUMBER
MIPI DSI MODE
DCLKN
DCLKP
E2
E1
B10
DSI interface; DSI - LVDS differential clock
DD0N
DD0P
DD1N
DD1P
DD2N
DD2P
DD3N
DD3P
G2
G1
F2
F1
D2
D1
C2
C1
B10
DSI interface, DSI data lane LVDS differential pair inputs 0 to 3
(Support a maximum of 4 input DSI lanes)(1)
RREF
F3
DSI reference resistor: A 30 kΩ ± 1% external trim resistor should
be connected from this pin to ground(2)
Pin Functions – DMD Reset and Bias Control
PIN
I/O
DESCRIPTION
NAME
NUMBER
DMD_DEN_ARSTZ
B1
O2
DMD driver enable (active high) or DMD reset (active low). Assuming the
corresponding I/O power is supplied, this signal will be driven low after the DMD is
parked and before power is removed from the DMD. If the 1.8-V power to the
DLPC3432 is independent of the 1.8-V power to the DMD, then TI recommends a
weak, external pulldown resistor to hold the signal low in the event the DLPC3432
power is inactive while DMD power is applied.
DMD_LS_CLK
A1
O3
DMD, low speed interface clock
DMD_LS_WDATA
A2
O3
DMD, low speed serial write data
DMD_LS_RDATA
B2
I6
DMD, low speed serial read data
Pin Functions – DMD Sub-LVDS Interface
PIN
I/O
DESCRIPTION
NAME
NUMBER
DMD_HS_CLK_P
DMD_HS_CLK_N
A7
B7
O4
DMD high speed interface
DMD_HS_WDATA_H_P
DMD_HS_WDATA_H_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_D_P
DMD_HS_WDATA_D_N
DMD_HS_WDATA_C_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_B_P
DMD_HS_WDATA_B_N
DMD_HS_WDATA_A_P
DMD_HS_WDATA_A_N
A3
B3
A4
B4
A5
B5
A6
B6
A8
B8
A9
B9
A10
B10
A11
B11
O4
DMD high speed interface lanes, write data bits: The true numbering and
application of the DMD_HS_DATA pins are software configuration dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com