Electronic Components Datasheet Search
  English  ▼

X  

HIP2101 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP2101
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2101 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP2101 Datasheet HTML 1Page - Renesas Technology Corp HIP2101 Datasheet HTML 2Page - Renesas Technology Corp HIP2101 Datasheet HTML 3Page - Renesas Technology Corp HIP2101 Datasheet HTML 4Page - Renesas Technology Corp HIP2101 Datasheet HTML 5Page - Renesas Technology Corp HIP2101 Datasheet HTML 6Page - Renesas Technology Corp HIP2101 Datasheet HTML 7Page - Renesas Technology Corp HIP2101 Datasheet HTML 8Page - Renesas Technology Corp HIP2101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HIP2101
FN9025 Rev 9.00
Page 4 of 13
November 12, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB-VHS (Notes 3, 4) . . . . . . . . -0.3V to 18V
LI and HI Voltages (Note 4) . . . . . . . . . . . . . . . . . . . . . -0.3V to 7.0V
Voltage on LO (Note 4) . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on HO (Note 4) . . . . . . . . . . . . . . . VHS -0.3V to VHB +0.3V
Voltage on HS (Continuous) (Note 4) . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +118V
Average Current in VDD to HB diode. . . . . . . . . . . . . . . . . . . 100mA
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1 (1kV)
Maximum Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . .+9V to 14.0VDC
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . VHS +8V to VHS +14.0V and VDD -1V to VDD +100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
SOIC (Note 5) . . . . . . . . . . . . . . . . . . .
95
N/A
EPSOIC (Note 6) . . . . . . . . . . . . . . . . .
40
3.0
QFN (Note 6) . . . . . . . . . . . . . . . . . . . .
37
6.5
DFN (Note 6) . . . . . . . . . . . . . . . . . . . .
40
3.0
Max Power Dissipation at 25oC in Free Air (SOIC, Note 5) . . . . 1.3W
Max Power Dissipation at 25oC in Free Air (EPSOIC, Note 6). . 3.1W
Max Power Dissipation at 25oC in Free Air (QFN, Note 6). . . . . 3.3W
Storage Temperature Range . . . . . . . . . . . . . . . . . . . -65°C to 150°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . -55°C to 150°C
Lead Temperature (Soldering 10s - SOIC Lead Tips Only). . 300°C
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the recommended operating conditions of this specification is not implied.
NOTES:
3. The HIP2101 is capable of derated operation at supply voltages exceeding 14V. Figure 16 shows the high-side voltage derating curve for this
mode of operation.
4. All voltages referenced to VSS unless otherwise specified.
5.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. JC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = 25°C
TJ = -40°C TO
125°C
UNITS
MIN
TYP
MAX
MIN
MAX
SUPPLY CURRENTS
VDD Quiescent Current
IDD
LI = HI = 0V
-
0.3
0.45
-
0.6
mA
VDD Operating Current
IDDO
f = 500kHz
-
1.7
3.0
-
3.4
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
0.1
0.15
-
0.2
mA
Total HB Operating Current
IHBO
f = 500kHz
-
1.5
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
VHS = VHB = 114V
-
0.05
1.5
-
10
A
HB to VSS Current, Operating
IHBSO
f = 500kHz
-
0.7
-
-
-
mA
INPUT PINS
Low Level Input Voltage Threshold
VIL
0.8
1.65
-
0.8
-
V
High Level Input Voltage Threshold
VIH
-
1.65
2.2
-
2.2
V
Input Pulldown Resistance
RI
-
200
-
100
500
k
UNDER VOLTAGE PROTECTION
VDD Rising Threshold
VDDR
7
7.3
7.8
6.5
8
V
VDD Threshold Hysteresis
VDDH
-
0.5
---
V
HB Rising Threshold
VHBR
6.5
6.9
7.5
6
8
V
HB Threshold Hysteresis
VHBH
-
0.4
---
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com