Electronic Components Datasheet Search
  English  ▼

X  

HIP2101 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP2101
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2101 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP2101 Datasheet HTML 1Page - Renesas Technology Corp HIP2101 Datasheet HTML 2Page - Renesas Technology Corp HIP2101 Datasheet HTML 3Page - Renesas Technology Corp HIP2101 Datasheet HTML 4Page - Renesas Technology Corp HIP2101 Datasheet HTML 5Page - Renesas Technology Corp HIP2101 Datasheet HTML 6Page - Renesas Technology Corp HIP2101 Datasheet HTML 7Page - Renesas Technology Corp HIP2101 Datasheet HTML 8Page - Renesas Technology Corp HIP2101 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HIP2101
FN9025 Rev 9.00
Page 2 of 13
November 12, 2015
Application Block Diagram
Pinouts
HIP2101 (SOIC, EPSOIC)
TOP VIEW
HIP2101IR4 (DFN)
TOP VIEW
HIP2101 (QFN)
TOP VIEW
NOTE: EPAD = Exposed PAD.
5
6
8
7
4
3
2
1
VDD
HB
HO
HS
LO
LI
HI
VSS
EPAD
VDD
NC
NC
HB
HO
LO
VSS
NC
NC
LI
HS
HI
2
3
4
1
5
11
10
9
12
8
6
7
EPAD
1
3
4
15
HB
HO
16
14
13
2
12
10
9
11
6
57
8
VSS
LI
NC
NC
NC
NC
EPAD
SECONDARY
CIRCUIT
+100V
CONTROLLER
PWM
LI
HI
HO
LO
VDD
HS
HB
+12V
VSS
HIP2101
REFERENCE
AND
ISOLATION
DRIVE
LO
DRIVE
HI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com