Electronic Components Datasheet Search
  English  ▼

X  

MPQ4488 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4488
Description  Smart, Dual USB Charging Port Power Converter with Programmable Frequency for Automotive, AEC-Q100 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4488 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4488 Datasheet HTML 1Page - Monolithic Power Systems MPQ4488 Datasheet HTML 2Page - Monolithic Power Systems MPQ4488 Datasheet HTML 3Page - Monolithic Power Systems MPQ4488 Datasheet HTML 4Page - Monolithic Power Systems MPQ4488 Datasheet HTML 5Page - Monolithic Power Systems MPQ4488 Datasheet HTML 6Page - Monolithic Power Systems MPQ4488 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVQ4488-U-00B, Smart, Dual USB Charging Port Power Converter
EVQ4488-U-00B Rev. 1.0
www.MonolithicPower.com
3
9/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVQ4488-U-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
5
C1A,
C1B,
C1C,C1D,
C1E
10μF
Ceramic Capacitor,
35V, X6S
0805
Murata
GRM21BC8YA106KE11
1
C1
100uF
Aluminum Electrolytic
Capacitor, 35V, 160mΩ
ESR
SMT
Chemi-Con
EMZJ35ADA101MF80G
1
C2
270μF
Polymer Capacitor,6.3V
DIP
Chemi-Con
APSK6R3ELL271ME08S
2
C2A, C2B
10μF
Ceramic Capacitor,
10V, X7R
0805
Murata
GRM21BR71A106KE51L
1
C2C
10μF
Ceramic Capacitor,
6.3V, X7R
0603
Murata
GRM219R60J106KE19D
1
C3
1μF
Ceramic Capacitor,
16V, X7R
0603
Murata
GRM188R71C105KA12D
1
C4
0.22μF
Ceramic Capacitor,
10V, X5R
0402
Murata
GRM155R61A224KE19
2
C5, C6
10μF
Ceramic Capacitor,
6.3V, X7R
0603
Murata
GRM219R60J106KE19D
2
C7, C8
1nF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM188R71E102KA01D
0
R1,R2
NS
2
R3,R5
5.1KΩ
Film Resistor, 1%
0603
Royal
RL0603FR-075K1L
2
R4,R6
1KΩ
Film Resistor, 1%
0603
Royal
RL0603FR-071KL
2
R7,R8
150Ω
Film Resistor, 1%
0603
Royal
RL0603FR-07150RL
1
L1
4.7μH
Inductor, DCR 7mΩ
SMT
Wurth
7443551470
1
L2
2.2μH
Inductor, DCR 29mΩ
SMT
Wurth
74438356022
2
USB1,
USB2
USB
TYPE-C USB Port
DIP
Wurth
632723300011
1
U1
MPQ4488
Step Down Converter
with
Dual
USB
Charging Port
QFN26
(5mmх5mm)
MPS
MPQ4488GU
1
CN1
Header
2.54mm, 14pin, Dual
pin header, default all
pins open
DIP
Wurth
61301421121
2
JP1,JP2
Header
2.54mm, 3pin header,
default all pins open
DIP
Wurth
61300311121



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com