Electronic Components Datasheet Search
  English  ▼

X  

MPQ4488 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4488
Description  Smart, Dual USB Charging Port Power Converter with Programmable Frequency for Automotive, AEC-Q100 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4488 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4488 Datasheet HTML 1Page - Monolithic Power Systems MPQ4488 Datasheet HTML 2Page - Monolithic Power Systems MPQ4488 Datasheet HTML 3Page - Monolithic Power Systems MPQ4488 Datasheet HTML 4Page - Monolithic Power Systems MPQ4488 Datasheet HTML 5Page - Monolithic Power Systems MPQ4488 Datasheet HTML 6Page - Monolithic Power Systems MPQ4488 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EVQ4488-U-00B, Smart, Dual USB Charging Port Power Converter
EVQ4488-U-00B Rev. 1.0
www.MonolithicPower.com
4
9/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 5.17V, L =4.7µH, TA = 25°C, unless otherwise noted.
USB Over-Current
Protection
USB
VOUT/AC
2V/div.
USB
IOUT/AC
A/div.
Power Start-up
VIN=12V, VOUT=5.17V,
USB1_IOUT=USB2_IOUT=3A
Power Shutdown
VIN=12V, VOUT=5.17V,
USB1_IOUT=USB2_IOUT=0A
Power Shutdown
VIN=12V, VOUT=5.17V,
USB1_IOUT=USB2_IOUT=3A
USB1
VOUT/AC
20mV/div.
VSW
5V/div.
IL
2A/div.
Output Ripple
VIN=12V, VOUT=5.17V,
USB1_IOUT=USB2_IOUT=0A
VSW
5V/div.
IL
2A/div.
Output Ripple
VIN=12V, VOUT=5.17V,
USB1_IOUT=USB2_IOUT=3A
Power Start-up
VIN=12V, VOUT=5.17V,
USB1_IOUT=USB2_IOUT=0A
USB2
VOUT/AC
20mV/div.
USB1
VOUT/AC
20mV/div.
USB2
VOUT/AC
20mV/div.
USB1_VOUT
5V/div.
USB2_VOUT
5V/div.
VIN
10V/div.
USB1_IOUT
2A/div.
USB2_IOUT
2A/div.
USB1_VOUT
5V/div.
USB2_VOUT
5V/div.
VIN
10V/div.
USB1_IOUT
5A/div.
USB2_IOUT
5A/div.
USB1_VOUT
5V/div.
USB2_VOUT
5V/div.
VIN
10V/div.
USB1_IOUT
5A/div.
USB2_IOUT
5A/div.
USB1_VOUT
5V/div.
USB2_VOUT
5V/div.
VIN
10V/div.
USB1_IOUT
5A/div.
USB2_IOUT
5A/div.
Load Shedding Recovery
V
IN=12V, VOUT=5.17V
Load Shedding Entry
V
IN=12V, VOUT=5.17V
USB1_VOUT
2V/div.
VCC1
1V/div.
USB1_IOUT
1A/div.
USB1_VOUT
2V/div.
VCC1
1V/div.
USB1_IOUT
1A/div.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com