Electronic Components Datasheet Search
  English  ▼

X  

MP2637GR Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP2637GR
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637GR Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP2637GR Datasheet HTML 22Page - Monolithic Power Systems MP2637GR Datasheet HTML 23Page - Monolithic Power Systems MP2637GR Datasheet HTML 24Page - Monolithic Power Systems MP2637GR Datasheet HTML 25Page - Monolithic Power Systems MP2637GR Datasheet HTML 26Page - Monolithic Power Systems MP2637GR Datasheet HTML 27Page - Monolithic Power Systems MP2637GR Datasheet HTML 28Page - Monolithic Power Systems MP2637GR Datasheet HTML 29Page - Monolithic Power Systems MP2637GR Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
26
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
INTRODUCTION
The MP2637 is a highly-integrated, flexible,
switch-mode battery charger with system power
path management, designed for single-cell Li-ion
or Li-Polymer batteries used in a wide range of
applications. Depending on the status of the
Input, the MP2637 can operate in three different
modes: Charge Mode; Boost Mode; Sleep Mode.
In charge mode the MP2637 can work with a
single cell Li-ion or Li-polymer battery. In boost
mode the MP2637 boosts the battery voltage to
VSYS_SET to power higher voltage system rails. In
sleep mode both charging and boost operations
are disabled and the device enters a power
saving mode to help reduce the overall power
consumption. The MP2637 monitors VIN to allow
smooth transition between different modes of
operation.
CHARGE MODE OPERATION
Charge
Cycle
(Trickle
ChargeCC
ChargeCV Charge)
In charge mode, the MP2637 has five control
loops to regulate the input current, input voltage,
charge current, charge voltage, and device
junction temperature. The MP2637 charges the
battery in three phases: trickle current (TC),
constant current (CC), and constant voltage (CV).
While charge operation is enabled, all five loops
are active but only one determines the IC
behavior. A typical battery charge profile is
depicted in Figure11 (a). The charger stays in TC
charge mode until the battery voltage reaches a
TC-to-CC
threshold.
Otherwise
the
charger
enters CC charge mode. When the battery
voltage rises to the CV-mode threshold, the
charger operates in constant voltage mode.
Figure (b) shows a typical charge profile when
the input-current-limit loop dominates during the
CC charge mode, and in this case the charger
maximizes the charging current due to the
switching-mode charging solution, resulting in
faster charging than a traditional linear solution.
Figure 11: Typical Battery Charge Profile
Auto-recharge
Once the battery charge cycle is completed, the
charger remains off. During this time, the system
load may consume battery power, or the battery
may self discharge. To ensure the battery will not
go
into
depletion,
a
new
charge
cycle
automatically begins when the battery voltage
falls below the auto-recharge threshold and the
input power is present. The timer is reset when
the auto-recharge cycle begins.
During the off state after the battery is fully
charged, if the input power re-starts or the EN
signal refreshes, the charge cycle will start and
the timer will reset no matter what the battery
voltage is.
Battery Over-Voltage Protection
The MP2637 has battery over-voltage protection.
If the battery voltage exceeds the battery over-
voltage threshold, (103.3% of the battery-full
voltage),
charging
is
disabled.
Under
this
condition, an internal
5kΩ dummy load draws a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com