Electronic Components Datasheet Search
  English  ▼

X  

MP2637GR Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2637GR
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637GR Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2637GR Datasheet HTML 2Page - Monolithic Power Systems MP2637GR Datasheet HTML 3Page - Monolithic Power Systems MP2637GR Datasheet HTML 4Page - Monolithic Power Systems MP2637GR Datasheet HTML 5Page - Monolithic Power Systems MP2637GR Datasheet HTML 6Page - Monolithic Power Systems MP2637GR Datasheet HTML 7Page - Monolithic Power Systems MP2637GR Datasheet HTML 8Page - Monolithic Power Systems MP2637GR Datasheet HTML 9Page - Monolithic Power Systems MP2637GR Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
6
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
IN to SYS NMOS ON Resistance
RIN to SYS
VCC=5V,
65
m
Ω
High-side PMOS ON Resistance
RH_DS
VCC=5V,
30
m
Ω
Low-side NMOS ON Resistance
RL_DS
VCC=5V,
30
m
Ω
High-Side PMOS Peak Current
Limit
IPEAK_HS
CC Charge Mode/ Boost
Mode
6.5
A
TC Charge Mode
3.2
A
Low-Side NMOS Peak Current Limit
IPEAK_LS
6.3
A
Switching Frequency*
fsw
490
600
700
kHz
VCC UVLO
VCC_UVLO
2
2.2
2.4
V
VCC UVLO Hysteresis
100
mV
PWIN Lower Threshold
VPWIN_L
0.75
0.8
0.85
V
Lower Threshold Hysteresis
50
mV
PWIN Upper Threshold
VPWIN_H
1.1
1.15
1.2
V
Upper Threshold Hysteresis
50
mV
Charge Mode
Input Quiescent Current
IIN
EN = 5V, Battery Float
2.5
mA
EN = 0
1.5
mA
Input Current Limit
IIN_LIMIT
RlLIM = 100k
400
450
500
mA
RlLIM = 56k
720
810
900
RlLIM = 16.5k
2400
2700
3000
Input Over-Current Threshold
IIN(OCP)
4.2
A
Input Over-Current Blanking Time
(5)
τ
INOCBLK
120
µs
Input Over-Current Recover Time
(5)
τ
INRECVR
100
ms
Terminal Battery Voltage
VBATT_FULL
Connect VB to GND
4.328
4.35
4.372
V
Leave VB floating or
connect to logic HIGH
4.179
4.2
4.221
Recharge Threshold
VRECH
Connect to VB to GND
4.09
4.15
4.21
Leave VB floating or
connect to logic HIGH
3.95
4.01
4.07
V
Recharge Threshold Hysteresis
200
mV
Battery Over Voltage Threshold
As percentage of the
VBATT_FULL
103.3%
VBATT_
FULL
Constant Charge (CC) Current
ICC
RS1 = 20m
Ω, R
ISET = 120k
850
1000
1150
mA
RS1 = 20m
Ω, R
ISET = 60.4k
1725
1987
2250
RS1 = 20m
Ω, R
ISET = 47.5k
2225
2525
2825
Trickle Charge Current
ITC
125
250
mA
* Reserve 1200kHz Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com