Electronic Components Datasheet Search
  English  ▼

X  

6020163 Datasheet(PDF) 2 Page - SICK AG

Part # 6020163
Description  INDUCTIVE PROXIMITY SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6020163 Datasheet(HTML) 2 Page - SICK AG

  6020163 Datasheet HTML 1Page - SICK AG 6020163 Datasheet HTML 2Page - SICK AG 6020163 Datasheet HTML 3Page - SICK AG 6020163 Datasheet HTML 4Page - SICK AG 6020163 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IQ05-0B8PO-ZU1 | IQY
INDUCTIVE PROXIMITY SENSORS
Ordering information
Type
Part no.
IQ05-0B8PO-ZU1
6020163
Other models and accessories
www.sick.com/IQY
Detailed technical data
Features
Housing
Rectangular
Dimensions (W x H x D)
5 mm x 25 mm x 5 mm
Sensing range Sn
0.8 mm
Safe sensing range Sa
0.648 mm
Installation type
Flush
Switching frequency
5,000 Hz
Connection type
Cable, 3-wire, 2 m
Switching output
PNP
Output function
NC
Electrical wiring
DC 3-wire
Enclosure rating
IP67 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 20 % 1)
Voltage drop
≤ 2 V 2)
Current consumption
≤ 10 mA 3)
Time delay before availability
≤ 10 ms
Hysteresis
1 % ... 10 %
Reproducibility
≤ 1.5 % 4)
Temperature drift (of Sr)
± 10 %
1) Of VS.
2) At Ia max.
3) Without load.
4) Ub = 20 V DC ... 30 V DC, Ta = 23 °C ± 5 °C.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-22 15:47:22
Subject to change without notice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com