Electronic Components Datasheet Search
  English  ▼

X  

6020163 Datasheet(PDF) 3 Page - SICK AG

Part # 6020163
Description  INDUCTIVE PROXIMITY SENSORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6020163 Datasheet(HTML) 3 Page - SICK AG

  6020163 Datasheet HTML 1Page - SICK AG 6020163 Datasheet HTML 2Page - SICK AG 6020163 Datasheet HTML 3Page - SICK AG 6020163 Datasheet HTML 4Page - SICK AG 6020163 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IQ05-0B8PO-ZU1 | IQY
INDUCTIVE PROXIMITY SENSORS
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Cable material
PUR
Conductor size
0.06 mm²
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +70 °C
Housing material
Metal, Chrome-plated brass
Sensing face material
Plastic, Polyester
1) Of VS.
2) At Ia max.
3) Without load.
4) Ub = 20 V DC ... 30 V DC, Ta = 23 °C ± 5 °C.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.85
Aluminum (Al)
Approx. 0.6
Copper (Cu)
Approx. 0.6
Brass (Br)
Approx. 0.7
Installation note
Remark
Associated graphic see "Installation"
A
0.8 mm
B
0 mm
C
5 mm
D
2.4 mm
E
0 mm
F
7 mm
G
3.3 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
ECl@ss 6.0
27270101
ECl@ss 6.2
27270101
ECl@ss 7.0
27270101
ECl@ss 8.0
27270101
ECl@ss 8.1
27270101
ECl@ss 9.0
27270101
ETIM 5.0
EC002714
ETIM 6.0
EC002714
2018-03-22 15:47:22 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com