Electronic Components Datasheet Search
  English  ▼

X  

AC207 Datasheet(PDF) 53 Page - Broadcom Corporation.

Part # AC207
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207 Datasheet(HTML) 53 Page - Broadcom Corporation.

Back Button AC207 Datasheet HTML 49Page - Broadcom Corporation. AC207 Datasheet HTML 50Page - Broadcom Corporation. AC207 Datasheet HTML 51Page - Broadcom Corporation. AC207 Datasheet HTML 52Page - Broadcom Corporation. AC207 Datasheet HTML 53Page - Broadcom Corporation. AC207 Datasheet HTML 54Page - Broadcom Corporation. AC207 Datasheet HTML 55Page - Broadcom Corporation. AC207 Datasheet HTML 56Page - Broadcom Corporation. AC207 Datasheet HTML 57Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
100BASE-TX MII Output Timing
Page 43
100BASE-TX MII OUTPUT TIMING
Figure 11: 100BASE-TX MII Output Timing
Table 53:
100BASE-TX MII Output Timing
Parameter
SYM
Min
Typ
Max
Units
MII_RXCLK period
tCK
–
40
–
ns
MII_RXCLK high period
tCKH
18
–
22
ns
MII_RXCLK low period
tCKL
18
–
22
ns
MII_CRS rising to MII_RXDV rising
tCSVA
0
–
10
ns
MII_RXCLK rising to MII_RXD, MII_RXDV,
MII_CRS output delay
tRXOD
20
–
30
ns
MII_RXCLK
MII_RXDV
MII_RXD
tCK
tCKH
tCKL
tRXOD
MII_CRS
tCSVA
Start of Packet
End of Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com