Electronic Components Datasheet Search
  English  ▼

X  

AC207 Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # AC207
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207 Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button AC207 Datasheet HTML 17Page - Broadcom Corporation. AC207 Datasheet HTML 18Page - Broadcom Corporation. AC207 Datasheet HTML 19Page - Broadcom Corporation. AC207 Datasheet HTML 20Page - Broadcom Corporation. AC207 Datasheet HTML 21Page - Broadcom Corporation. AC207 Datasheet HTML 22Page - Broadcom Corporation. AC207 Datasheet HTML 23Page - Broadcom Corporation. AC207 Datasheet HTML 24Page - Broadcom Corporation. AC207 Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Pins
Page 11
Section 2 : P ins
PIN DESCRIPTIONS
Many of these device pins have multiple functions. The separate descriptions of each pin are listed in the proper sections.
Designers must assure that they have identified all modes of operation prior to final design.
The pin assignment shown below and in the pin description table are subjected to change without notice. The user is advised
to contact Altima Communications Inc. before implementing any design based on the information provided in this data sheet.
Signals types:
I = Input
O = Output
Z = High impedance
U = Pull up with 10k ohm
D = Pull down with 10k ohm
S = Schimitt Trigger
A = Analog signal
P = Power
G = Ground
* = Active Low Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com