Electronic Components Datasheet Search
  English  ▼

X  

LW-C9EN Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LW-C9EN
Description  SMD ceramic package with diffused silicone resin
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-C9EN Datasheet(HTML) 1 Page - OSRAM GmbH

  LW-C9EN Datasheet HTML 1Page - OSRAM GmbH LW-C9EN Datasheet HTML 2Page - OSRAM GmbH LW-C9EN Datasheet HTML 3Page - OSRAM GmbH LW-C9EN Datasheet HTML 4Page - OSRAM GmbH LW-C9EN Datasheet HTML 5Page - OSRAM GmbH LW-C9EN Datasheet HTML 6Page - OSRAM GmbH LW-C9EN Datasheet HTML 7Page - OSRAM GmbH LW-C9EN Datasheet HTML 8Page - OSRAM GmbH LW-C9EN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LW C9EN
CERAMOS
Ceramic TopLooker for high light output,
designed for camera flash application
Lead (Pb) Free Product - RoHS Compliant
Released
2009-09-22
1
Besondere Merkmale
• Gehäusetyp: SMD Keramik Gehäuse mit
diffusem Silikonverguss
• Besonderheit des Bauteils: hocheffiziente
Lichtquelle bei geringem Platzbedarf
• Farbort: x = 0,33, y = 0,33 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 5600 K
• Abstrahlwinkel: Lambertscher Strahler 120°
• Technologie: ThinGaN
®
• optischer Wirkungsgrad: 34 lm/W
• Gruppierungsparameter: Lichtstärke, Farbort
• Lötmethode: Reflow Löten
• Vorbehandlung: nach JEDEC Level 4
• Gurtung: 8-mm Gurt mit 4000/Rolle, ø180 mm
• ESD-Festigkeit:
2 kV nach JESD22-A114-D
8 kV nach IEC 61000-4-2, level 4 (contact
discharge)
Anwendungen
• Blitzlicht
• Taschenlampe
• Videoleuchte
• Fassadenbeleuchtung im Innenbereich
• Display Hinterleuchtung mit hohem
Helligkeitsbedarf z. B. TFT
Features
• package: SMD ceramic package with diffused
silicone resin
• feature of the device: high efficient lightsource
at small dimensions
• color coordinates: x = 0.33, y = 0.33 acc. to
CIE 1931 (white)
• typ. color temperature: 5600 K
• viewing angle: Lambertian Emitter 120°
• technology: ThinGaN
®
• optical efficiency: 34 lm/W
• grouping parameter: luminous intensity,
color coordinates
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 4
• taping: 8 mm tape with 4000/reel, ø180 mm
• ESD-withstand voltage:
2 kV acc. to JESD22-A114-D
8 kV acc. to IEC 61000-4-2, level 4 (contact
discharge).
Applications
• camera flash light / strobe light
• torch light
•video light
• indoor commercial and residential architectural
lighting
•
display backlight where high brightness is
required e.g. TFT


Similar Part No. - LW-C9EN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-C9SN OSRAM-LW-C9SN Datasheet
576Kb / 17P
SMD ceramic package with silicon resin
LW-C9SP OSRAM-LW-C9SP Datasheet
612Kb / 18P
SMD ceramic package with silicon resin
More results

Similar Description - LW-C9EN

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCJSN OSRAM-LUWCJSN Datasheet
302Kb / 23P
SMD ceramic Package with Silicone resin
LCWW5SG OSRAM-LCWW5SG Datasheet
595Kb / 17P
white SMD package, colored diffused silicone resin
LUWC9EN OSRAM-LUWC9EN Datasheet
380Kb / 18P
SMD ceramic package with diffused silicone resin
LUWC9EP OSRAM-LUWC9EP Datasheet
616Kb / 18P
SMD ceramic package with diffused silicone resin
LWC9EN OSRAM-LWC9EN Datasheet
578Kb / 17P
SMD ceramic package with diffused silicone resin
LWW5SG OSRAM-LWW5SG Datasheet
306Kb / 17P
white SMD package, colored diffused silicone resin
LCW-W5SG OSRAM-LCW-W5SG Datasheet
595Kb / 17P
white SMD package, colored diffused silicone resin
LUW-C9EN OSRAM-LUW-C9EN Datasheet
380Kb / 18P
SMD ceramic package with diffused silicone resin
LUW-C9EP OSRAM-LUW-C9EP Datasheet
616Kb / 18P
SMD ceramic package with diffused silicone resin
LUW-CJSN OSRAM-LUW-CJSN Datasheet
302Kb / 23P
SMD ceramic Package with Silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com