Electronic Components Datasheet Search
  English  ▼

X  

LW-E6SC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LW-E6SC
Description  white PLCC-4 package, colored diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-E6SC Datasheet(HTML) 1 Page - OSRAM GmbH

  LW-E6SC Datasheet HTML 1Page - OSRAM GmbH LW-E6SC Datasheet HTML 2Page - OSRAM GmbH LW-E6SC Datasheet HTML 3Page - OSRAM GmbH LW-E6SC Datasheet HTML 4Page - OSRAM GmbH LW-E6SC Datasheet HTML 5Page - OSRAM GmbH LW-E6SC Datasheet HTML 6Page - OSRAM GmbH LW-E6SC Datasheet HTML 7Page - OSRAM GmbH LW-E6SC Datasheet HTML 8Page - OSRAM GmbH LW-E6SC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2013-12-06
1
2013-12-06
Power TOPLED
Datasheet
Version 3.0 (not for new design)
LW E6SC
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators on
vehicles and for display panels for traffic control
systems.
PowerTOPLED, ein leistungsstarkes Mitglied der
TOPLED Familie. Dank der hohen Lichtausbeute
eignen sie sich ideal für Heckleuchten und Indikatoren
an Fahrzeugen und für Display-Panels in
Verkehrsleitsysteme.
Features:
Besondere Merkmale:
• Package: white PLCC-4 package, colored
diffused silicone resin
• Gehäusetyp: weisses PLCC-4 Gehäuse, farbiger
diffuser Silikon-Verguss
• Technology: InGaN
• Technologie: InGaN
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
• Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
Applications
Anwendungen
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Backlighting
• Hinterleuchtung
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Reading Lamps
• Leselampen
• Scanners
• Scanner


Similar Part No. - LW-E6SC

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LW-E6SC AMSOSRAM-LW-E6SC Datasheet
1Mb / 22P
Power TOPLED®
2018-07-11
More results

Similar Description - LW-E6SC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWTTSD OSRAM-LWTTSD Datasheet
730Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-E6SG OSRAM-LW-E6SG Datasheet
477Kb / 23P
white PLCC-4 package, colored diffused silicone resin
LW-ETSG OSRAM-LW-ETSG Datasheet
642Kb / 23P
white PLCC-4 package, colored diffused silicone resin
LW-T6SC OSRAM-LW-T6SC Datasheet
793Kb / 23P
white PLCC-2 package, colored diffused silicone resin
LW-T6SG OSRAM-LW-T6SG Datasheet
697Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-TTSD OSRAM-LW-TTSD Datasheet
730Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-TVSG.BB OSRAM-LW-TVSG.BB Datasheet
522Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LW-TVSG.CB OSRAM-LW-TVSG.CB Datasheet
724Kb / 24P
white PLCC-2 package, colored diffused silicone resin
LWWW-G6SG OSRAM-LWWW-G6SG Datasheet
527Kb / 20P
white PLCC-6 package, colored diffused silicone resin
LCB-TVSG OSRAM-LCB-TVSG Datasheet
694Kb / 24P
white PLCC-2 package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com