Electronic Components Datasheet Search
  English  ▼

X  

LW-E6SC Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LW-E6SC
Description  white PLCC-4 package, colored diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-E6SC Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LW-E6SC Datasheet HTML 6Page - OSRAM GmbH LW-E6SC Datasheet HTML 7Page - OSRAM GmbH LW-E6SC Datasheet HTML 8Page - OSRAM GmbH LW-E6SC Datasheet HTML 9Page - OSRAM GmbH LW-E6SC Datasheet HTML 10Page - OSRAM GmbH LW-E6SC Datasheet HTML 11Page - OSRAM GmbH LW-E6SC Datasheet HTML 12Page - OSRAM GmbH LW-E6SC Datasheet HTML 13Page - OSRAM GmbH LW-E6SC Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2013-12-06
10
Version 3.0 (not for new design)
LW E6SC
Relative Forward Voltage 7) page21
Relative Vorwärtsspannung 7) Seite 21
ΔVF = VF - VF(25°C) = f(Tj); IF = 30 mA
Relative Luminous Intensity 7) page 21
Relative Lichtstärke 7) Seite 21
IV/IV(25)°C = f(Tj); IF = 30 mA
Chromaticity Coordinate Shift 7) page 21
Farbortverschiebung 7) Seite 21
ΔCx, ΔCy = f(Tj); IF = 30 mA
-40 -20 0 20 40 60 80 100 120
Tj [°C]
-0,20
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
0,25
0,30
OHL02870
-60
0
T
˚C
V (25 ˚C)
I
I
V
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
j
-40 -20
0
20
40
60
80
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx; ΔCy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com