Electronic Components Datasheet Search
  English  ▼

X  

PB1005AC Datasheet(PDF) 2 Page - Vicor Corporation

Part # PB1005AC
Description  AC/DC Power Supply Up to 5 Outputs 1000W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PB1005AC Datasheet(HTML) 2 Page - Vicor Corporation

  PB1005AC Datasheet HTML 1Page - Vicor Corporation PB1005AC Datasheet HTML 2Page - Vicor Corporation PB1005AC Datasheet HTML 3Page - Vicor Corporation PB1005AC Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Northwest Power, Inc.
(503)-652-6161
www.npi-inc.com
Document No. 6997 Rev H
Print Date: 2014-05-19
Page 2 of 4
PB1005AC(-F)(-G)(-H)(-HE)
EMI and EMC
Conducted Noise
EN55022 Class A (150kHz-30MHz)
Mechanical
Dimensions
10.5" x 7" x 1.68"
Cooling
Internal Fans
Weight (Typical, depends on configuration)
6.6 lb. (3 kg)
Maximum Output Power vs. Ambient Air Temperature
Model
Input Voltage
-20 to 60°°°°C
60 to 70°°°°C
70°°°°C
-F
115 VAC
800 W
800W
800W
-G
115 VAC
600 W
600W
600W
-G
230 VAC
1,000 W
Derate 20W/°°°°C
800W
-H
230 VAC or 300 VDC
1,000 W
Derate 20W/°°°°C
800W
-HE
230 VAC
1,000 W
Derate 20W/°°°°C
800W
Mechanical Outline Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com