Electronic Components Datasheet Search
  English  ▼

X  

PB1005AC Datasheet(PDF) 3 Page - Vicor Corporation

Part # PB1005AC
Description  AC/DC Power Supply Up to 5 Outputs 1000W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PB1005AC Datasheet(HTML) 3 Page - Vicor Corporation

  PB1005AC Datasheet HTML 1Page - Vicor Corporation PB1005AC Datasheet HTML 2Page - Vicor Corporation PB1005AC Datasheet HTML 3Page - Vicor Corporation PB1005AC Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Northwest Power, Inc.
(503)-652-6161
www.npi-inc.com
Document No. 6997 Rev H
Print Date: 2014-05-19
Page 3 of 4
PB1005AC(-F)(-G)(-H)(-HE)
Connections
Input
Pin
Signal Description or Symbol
Details
1
L1
AC Line 1
2
Safety Ground
3
L2 / N
AC Line 2 or Neutral
Outputs A and B
Details
Pin
Signal Description
Option -M
Option -B
Option -R
1
+
Positive Terminal, 49A max
2
+
Positive Terminal, 49A max
Positive Terminal
1/4" hole, 100A max
Positive Terminal
#8 tapped hole 5/16"
deep, 100A max
3
-
Negative Terminal, 49A max
4
-
Negative Terminal, 49A max
Negative Terminal
1/4" hole, 100A max
Negative Terminal
#8 tapped hole 5/16"
deep, 100A max
Outputs A and B - Remote Sense/Trim Connector
Pin
Signal Description
Details
1
+
Positive Sense Connection
2
Trim
Trim input
3
-
Negative Sense Connection
Output C
Pin
Signal Description
Details
1
-
Negative Terminal, 18A max
2
+
Positive Terminal, 18A max
Outputs D and E
Pin
Signal Description
Details
1
+
Positive Terminal, 20A max
2
-
Negative Terminal, 20A max
I/O Connections
Note: All control signals are isolated; Input - 3,000 Vrms; Output - 250 Vrms; Chassis - 250 Vrms
Pin
Signal Description
Details
Option -N
Option -E
1
Output Inhibit or Enable
Application of 5V to 24V signal
inhibits all controlled outputs.
Optoisolator input with 4.5kΩ
series resistor.
Application of 5V to 24V signal
enables all controlled outputs.
Optoisolator input with 4.5kΩ
series resistor.
2
Not Connected
Reserved for future use.
3
Output A Power Good
Open Collector, 60V/1mA, Active Low = Power Good
4
Output B Power Good
Open Collector, 60V/1mA, Active Low = Power Good
5
Output C Power Good
Open Collector, 60V/1mA, Active Low = Power Good
6
Output D Power Good
Open Collector, 60V/1mA, Active Low = Power Good
7
Output E Power Good
Open Collector, 60V/1mA, Active Low = Power Good
8
I/O Control Signal Return
All I/O control signals on pins 1-7 are referenced to this pin.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com