Electronic Components Datasheet Search
  English  ▼

X  

LW-F65G Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LW-F65G
Description  SMD package with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-F65G Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LW-F65G Datasheet HTML 5Page - OSRAM GmbH LW-F65G Datasheet HTML 6Page - OSRAM GmbH LW-F65G Datasheet HTML 7Page - OSRAM GmbH LW-F65G Datasheet HTML 8Page - OSRAM GmbH LW-F65G Datasheet HTML 9Page - OSRAM GmbH LW-F65G Datasheet HTML 10Page - OSRAM GmbH LW-F65G Datasheet HTML 11Page - OSRAM GmbH LW-F65G Datasheet HTML 12Page - OSRAM GmbH LW-F65G Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Vorläufige Daten / Preliminary Data
LW F65G
2009-04-30
9
Abstrahlcharakteristik
2) Seite 19
Radiation Characteristic
2) page 19
Φ
rel = f (ϕ); TA = 25 °C
Verteilung der Beleuchtungsstärke
2) Seite 19
Illuminance Chart
2) page 19
Φ
rel = f (ϕ); TA = 25 °C
OHL02835
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
vertical
horizontal
vertical
horizontal
60% - 80%
-30
-24
-18
-11.75
-23.50
0
-12
-6
0
6
12
18
24
30
Horizontal Angle
0% - 20%
40% - 60%
20% - 40%
11.75
23.50
80% - 100%
OHL02836
EV Center
V
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com