Electronic Components Datasheet Search
  English  ▼

X  

LW-M673 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LW-M673
Description  white SMT package, colored diffused resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-M673 Datasheet(HTML) 1 Page - OSRAM GmbH

  LW-M673 Datasheet HTML 1Page - OSRAM GmbH LW-M673 Datasheet HTML 2Page - OSRAM GmbH LW-M673 Datasheet HTML 3Page - OSRAM GmbH LW-M673 Datasheet HTML 4Page - OSRAM GmbH LW-M673 Datasheet HTML 5Page - OSRAM GmbH LW-M673 Datasheet HTML 6Page - OSRAM GmbH LW-M673 Datasheet HTML 7Page - OSRAM GmbH LW-M673 Datasheet HTML 8Page - OSRAM GmbH LW-M673 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2014-10-27
1
2014-10-27
Mini TOPLED
Datasheet
Version 4.1
LW M673
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
• Technology: InGaN
•
Technologie: InGaN
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
• Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Automotive Interior Lighting
•
Automobilbeleuchtung innen
• Pushbuttons and Switches
•
Schalter und Taster
• Signal and Symbol Luminary
•
Signal- und Symbolleuchten
• White Goods Lighting
•
Weiße Ware


Similar Part No. - LW-M673

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
white SMT package, colored diffused resin
logo
ams-OSRAM AG
LW-M67D AMSOSRAM-LW-M67D Datasheet
1Mb / 25P
Mini TOPLED®
2023-03-23
More results

Similar Description - LW-M673

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
white SMT package, colored diffused silicone resin
LWT773 OSRAM-LWT773 Datasheet
453Kb / 21P
white SMT package, colored diffused resin
CUW-Y3SH.B1 OSRAM-CUW-Y3SH.B1 Datasheet
591Kb / 23P
white SMT package, colored diffused silicone resin
GY-PSLM31.13 OSRAM-GY-PSLM31.13 Datasheet
894Kb / 22P
white SMT package, colored diffused resin
LW-A673 OSRAM-LW-A673 Datasheet
585Kb / 23P
white SMT package, colored diffused resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
white SMT package, colored diffused resin
LW-P473 OSRAM-LW-P473 Datasheet
694Kb / 22P
white SMT package, colored diffused resin
LW-T773 OSRAM-LW-T773 Datasheet
453Kb / 21P
white SMT package, colored diffused resin
LW-Y87C OSRAM-LW-Y87C Datasheet
607Kb / 22P
white SMT package, colored diffused resin
LW-Y87S OSRAM-LW-Y87S Datasheet
445Kb / 16P
white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com