Electronic Components Datasheet Search
  English  ▼

X  

LW-M673 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LW-M673
Description  white SMT package, colored diffused resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-M673 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LW-M673 Datasheet HTML 6Page - OSRAM GmbH LW-M673 Datasheet HTML 7Page - OSRAM GmbH LW-M673 Datasheet HTML 8Page - OSRAM GmbH LW-M673 Datasheet HTML 9Page - OSRAM GmbH LW-M673 Datasheet HTML 10Page - OSRAM GmbH LW-M673 Datasheet HTML 11Page - OSRAM GmbH LW-M673 Datasheet HTML 12Page - OSRAM GmbH LW-M673 Datasheet HTML 13Page - OSRAM GmbH LW-M673 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2014-10-27
10
Version 4.1
LW M673
Forward Current 7) page 22
Durchlassstrom 7) Seite 22
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 22 , 8) page 22
Relative Lichtstärke 7) Seite 22 , 8) Seite 22
IV/IV(10 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 7) page 22
Farbortverschiebung 7) Seite 22
Cx, Cy = f(IF); TS = 25 °C
LW M673
2,5 2,6
2,8
3,0
3,2
3,4
VF [V]
1
2
3
4
5
10
20
IF [mA]
: white
LW M673
1
2
3
4
5
10
20
IF [mA]
0.1
0.2
0.3
0.4
0.5
1
IV
IV(10mA)
: white
LW M673
1
4
6
8
10
12
14
16
18
20
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx
:
∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com