Electronic Components Datasheet Search
  English  ▼

X  

LW-Q183 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LW-Q183
Description  SMT package 0603, colored diffused resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-Q183 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LW-Q183 Datasheet HTML 3Page - OSRAM GmbH LW-Q183 Datasheet HTML 4Page - OSRAM GmbH LW-Q183 Datasheet HTML 5Page - OSRAM GmbH LW-Q183 Datasheet HTML 6Page - OSRAM GmbH LW-Q183 Datasheet HTML 7Page - OSRAM GmbH LW-Q183 Datasheet HTML 8Page - OSRAM GmbH LW-Q183 Datasheet HTML 9Page - OSRAM GmbH LW-Q183 Datasheet HTML 10Page - OSRAM GmbH LW-Q183 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LW Q183
2008-07-07
7
Relative spektrale Emission
2) Seite 16
Relative Spectral Emission
2) page 16
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TA = 25 °C; IF = 10 mA
Abstrahlcharakteristik
2) Seite 16
Radiation Characteristic
2) page 16
I
rel = f (ϕ); TA = 25 °C
0
400
λ
OHL01234
I
20
40
60
80
%
100
rel
nm
450
500
550
600
650
700
750
800
Vλ
0.2
0˚
100˚
0.6
90˚
1.0
0.8
80˚
0.4
0
20˚
40˚
60˚
100˚
80˚
120˚
0˚
0.8
0.6
0.4
1.0
ϕ
70˚
60˚
50˚
30˚
40˚
20˚
10˚
OHL01303
horizontal
vertical
vertical
horizontal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com