Electronic Components Datasheet Search
  English  ▼

X  

LW-Q183 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LW-Q183
Description  SMT package 0603, colored diffused resin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-Q183 Datasheet(HTML) 1 Page - OSRAM GmbH

  LW-Q183 Datasheet HTML 1Page - OSRAM GmbH LW-Q183 Datasheet HTML 2Page - OSRAM GmbH LW-Q183 Datasheet HTML 3Page - OSRAM GmbH LW-Q183 Datasheet HTML 4Page - OSRAM GmbH LW-Q183 Datasheet HTML 5Page - OSRAM GmbH LW-Q183 Datasheet HTML 6Page - OSRAM GmbH LW-Q183 Datasheet HTML 7Page - OSRAM GmbH LW-Q183 Datasheet HTML 8Page - OSRAM GmbH LW-Q183 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LW Q183
Hyper CHIPLED
Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
Abkündigung nach OS-PD-2008-008
Obsolete acc. to OS-PD-2008-008
2008-07-07
1
Besondere Merkmale
• Gehäusetyp: SMT Gehäuse 0603, farbiger
diffuser Verguss
• Besonderheit des Bauteils: kleinste Bauform
1,6 x 0,8 x 0,6 mm (LxBxH)
• Farbort: x = 0,31, y = 0,28 nach
CIE 1931 (weiß)
• Typische Farbtemperatur: 7300 K
• Farbwiedergabeindex: 80
• Abstrahlwinkel: horizontal 150°, vertikal 155°
• Technologie: InGaN
• optischer Wirkungsgrad: 7 lm/W
• Gruppierungsparameter: Lichtstärke,
Farbort, Durchlassspannung
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 4000/Rolle, ø180 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• flache Hinterleuchtung (LCD, Handy, Schalter,
Display)
• Spielsachen
Features
• package: SMT package 0603, colored diffused
resin
• feature of the device: smallest package
1.6 x 0.8 x 0.6 mm (LxWxH)
• color coordinates: x = 0.31, y = 0.28 acc. to
CIE 1931 (white)
• typ. color temperature: 7300 K
• color reproduction index: 80
• viewing angle: horizontal 150°, vertical 155°
• technology: InGaN
• optical efficiency: 7 lm/W
• grouping parameter: luminous intensity, color
coordinates, forward voltage
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 4000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• flat backlighting (LCD, cellular phones,
switches, displays)
•toys


Similar Part No. - LW-Q183

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-Q38E OSRAM-LW-Q38E Datasheet
557Kb / 22P
SMT package 0603, colored diffused resin
logo
ams-OSRAM AG
LW-Q38E AMSOSRAM-LW-Q38E Datasheet
1Mb / 24P
Chip LED 0603
2026-01-06
logo
OSRAM GmbH
LW-Q38G OSRAM-LW-Q38G Datasheet
562Kb / 22P
SMT package 0603, colored diffused resin
logo
ams-OSRAM AG
LW-Q38G AMSOSRAM-LW-Q38G Datasheet
1Mb / 24P
Chip LED 0603
2026-01-06
LW-Q98G-01 AMSOSRAM-LW-Q98G-01 Datasheet
1Mb / 24P
Chip LED 0603
2025-07-29
More results

Similar Description - LW-Q183

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GY-PSLM31.13 OSRAM-GY-PSLM31.13 Datasheet
894Kb / 22P
white SMT package, colored diffused resin
LW-L28G OSRAM-LW-L28G Datasheet
576Kb / 23P
SMT footprint 0603, colored diffused resin
LW-L28S OSRAM-LW-L28S Datasheet
447Kb / 15P
SMT package 0603, colored diffused resin
LW-L283 OSRAM-LW-L283 Datasheet
525Kb / 23P
SMT package 0603, colored diffused resin
LW-M67C OSRAM-LW-M67C Datasheet
667Kb / 23P
white SMT package, colored diffused resin
LW-M673 OSRAM-LW-M673 Datasheet
648Kb / 23P
white SMT package, colored diffused resin
LW-Q38E OSRAM-LW-Q38E Datasheet
557Kb / 22P
SMT package 0603, colored diffused resin
LW-Q38G OSRAM-LW-Q38G Datasheet
562Kb / 22P
SMT package 0603, colored diffused resin
LW-QH8G OSRAM-LW-QH8G Datasheet
673Kb / 21P
SMT package 0402, colored diffused resin
LW-T773 OSRAM-LW-T773 Datasheet
453Kb / 21P
white SMT package, colored diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com