Electronic Components Datasheet Search
  English  ▼

X  

ISL6257 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL6257
Description  Highly Integrated Narrow VDC Battery Charger for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6257 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL6257 Datasheet HTML 1Page - Renesas Technology Corp ISL6257 Datasheet HTML 2Page - Renesas Technology Corp ISL6257 Datasheet HTML 3Page - Renesas Technology Corp ISL6257 Datasheet HTML 4Page - Renesas Technology Corp ISL6257 Datasheet HTML 5Page - Renesas Technology Corp ISL6257 Datasheet HTML 6Page - Renesas Technology Corp ISL6257 Datasheet HTML 7Page - Renesas Technology Corp ISL6257 Datasheet HTML 8Page - Renesas Technology Corp ISL6257 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FN9288 Rev 2.00
Page 1 of 22
Jan 17, 2007
FN9288
Rev 2.00
Jan 17, 2007
ISL6257
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
DATASHEET
The ISL6257 is a highly integrated battery charger controller
for Li-Ion/Li-Ion polymer batteries. ISL6257 is designed for
Narrow VDC applications where the system power source is
either the battery pack or the regulated output of the charger.
This makes the max voltage to the system equal to the max
battery voltage instead of the max adapter voltage. Operating
at lower system voltage can improve overall efficiency. High
efficiency is achieved in the charger with a synchronous buck
topology. The low-side MOSFET emulates a diode at light
loads to improve the light load efficiency and prevent system
bus boosting.
The constant output voltage can be selected for 2, 3 and 4
series Li-Ion cells with ±0.5% accuracy over temperature. It
can also be programmed between 4.2V + 5% per cell and
4.2V - 5% per cell to optimize battery capacity. When
supplying the load and battery charger simultaneously, the
input current limit for the AC adapter is programmable to
within ±3% accuracy to avoid overloading the AC adapter and
to allow the system to make efficient use of available adapter
power for charging. It also has a wide range of programmable
charging current. The ISL6257 automatically transitions from
regulating current mode to regulating voltage mode.
Features
• ±0.5% Charge Voltage Accuracy (-10°C to +100°C)
• ±3% Accurate Input Current Limit
• ±3% Accurate Battery Charge Current Limit
• ±25% Accurate Battery Trickle Charge Current Limit
• Programmable Charge Current Limit, Adapter Current
Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with
Diode Emulation at Light Load
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Support 2, 3 and 4 Cells Battery Pack
• Up to 17.64V Battery-Voltage Set Point
• Control Adapter Power Source Select MOSFET
• Thermal Shutdown
• Aircraft Power Capable
• DC Adapter Present Indicator
• Battery Discharge MOSFET Control
• Less than 10µA Battery Leakage Current
• Support Pulse Charging
• Charge any Battery Chemistry: Li-Ion, NiCd, NiMH, etc.
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistant
Ordering Information
PART
NUMBER
(Notes 1, 2)
PART
MARKING
TEMP
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6257HRZ
ISL6257HRZ -10 to +100 28 Ld 5x5 QFN L28.5
5
ISL6257HRZ-T ISL6257HRZ -10 to +100 28 Ld 5x5 QFN
Tape & Reel
L28.5
5
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinout
ISL6257 (28 LD QFN)
TOP VIEW
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
14
EN
CELLS
ICOMP
VCOMP
FB
VREF
CHLIM
CSOP
SGATE
BGATE
PHASE
UGATE
CSIN
CSIP
OBSOLETE
PRODUCT
NO RECOMM
ENDED REP
LACEMENT
contact our
Technical Su
pport Cente
r at
1-888-INTER
SIL or www.
intersil.com
/tsc


Similar Part No. - ISL6257

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
January 17, 2007
ISL6257HRZ INTERSIL-ISL6257HRZ Datasheet
501Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
January 17, 2007
ISL6257HRZ-T INTERSIL-ISL6257HRZ-T Datasheet
501Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
January 17, 2007
More results

Similar Description - ISL6257

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
January 17, 2007
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com