Electronic Components Datasheet Search
  English  ▼

X  

ISL6257 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6257
Description  Highly Integrated Narrow VDC Battery Charger for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6257 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6257 Datasheet HTML 1Page - Renesas Technology Corp ISL6257 Datasheet HTML 2Page - Renesas Technology Corp ISL6257 Datasheet HTML 3Page - Renesas Technology Corp ISL6257 Datasheet HTML 4Page - Renesas Technology Corp ISL6257 Datasheet HTML 5Page - Renesas Technology Corp ISL6257 Datasheet HTML 6Page - Renesas Technology Corp ISL6257 Datasheet HTML 7Page - Renesas Technology Corp ISL6257 Datasheet HTML 8Page - Renesas Technology Corp ISL6257 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ISL6257
FN9288 Rev 2.00
Page 2 of 22
Jan 17, 2007
Absolute Maximum Ratings
Thermal Information
DCIN, CSIP, CSON to GND. . . . . . . . . . . . . . . . . . . . . -0.3V to +28V
CSIP-CSIN, CSOP-CSON . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
CSIP-SGATE, CSIP-BGATE . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
PHASE to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to 30V
BOOT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +35V
BOOT to VDDP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 28V
ACLIM, ACPRN, CHLIM, DCPRN, VDD to GND. . . . . . . -0.3V to 7V
BOOT-PHASE, VDDP-PGND . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
ACSET and DCSET to GND (Note 1) . . . . . . . -0.3V to VDD + 0.3V
FB, ICOMP, VCOMP to GND. . . . . . . . . . . . . . -0.3V to VDD +0.3V
VREF, CELLS to GND . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
EN, VADJ, PGND to GND . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
UGATE. . . . . . . . . . . . . . . . . . . . . . . . PHASE-0.3V to BOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . PGND-0.3V to VDDP + 0.3V
PGND to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
Thermal Resistance
JA(°C/W) JC (°C/W)
QFN Package (Notes 2, 3). . . . . . . . . .
39
9.5
QSOP Package (Note 2) . . . . . . . . . . .
80
NA
Junction Temperature Range. . . . . . . . . . . . . . . . . .-10°C to +150°C
Operating Temperature Range . . . . . . . . . . . . . . . .-10°C to +100°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature (soldering, 10s) . . . . . . . . . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. ACSET and DCSET may be operated 1V below GND if the current through ACSET and DCSET is limited to less than 1mA.
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
3. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
DCIN = CSIP = CSIN = 18V, CSOP = CSON = 12V, ACSET = DCSET = 1.5V, ACLIM = VREF,
VADJ = Floating, EN = VDD = 5V, BOOT - PHASE = 5.0V, GND = PGND = 0V, CVDD = 1µF, IVDD =0mA,
TA = -10°C to +100°C, TJ 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY AND BIAS REGULATOR
DCIN Input Voltage Range
725
V
DCIN Quiescent Current
EN = VDD or GND, 7V
DCIN 25V
1.4
3
mA
Battery Leakage Current (Note 4)
DCIN = 0, no load
3
10
µA
VDD Output Voltage/Regulation
7V
DCIN 25V, 0 IVDD 30mA
4.925
5.075
5.225
V
VDD Undervoltage Lockout Trip Point
VDD Rising
4.0
4.4
4.6
V
Hysteresis
150
250
400
mV
Reference Output Voltage VREF
0
IVREF  300µA
2.365
2.39
2.415
V
FB Feedback Voltage
2.065
2.1
2.12
V
Battery Charge Voltage Accuracy
CSON = 16.8V, CELLS = VDD, VADJ = Float-0.5
0.5
%
CSON = 12.6V, CELLS = GND, VADJ = Float
-0.5
0.5
%
CSON = 8.4V, CELLS = Float, VADJ = Float
-0.5
0.5
%
CSON = 17.64V, CELLS = VDD, VADJ = VREF
-0.5
0.5
%
CSON = 13.23V, CELLS = GND, VADJ = VREF
-0.5
0.5
%
CSON = 8.82V, CELLS = Float, VADJ = VREF
-0.5
0.5
%
CSON = 15.96V, CELLS = VDD, VADJ = GND
-0.5
0.5
%
CSON = 11.97V, CELLS = GND, VADJ = GND
-0.5
0.5
%
CSON = 7.98V, CELLS = Float, VADJ = GND
-0.5
0.5
%
TRIP POINTS
ACSET Threshold
1.24
1.26
1.28
V
ACSET Input Bias Current Hysteresis
2.2
3.4
4.4
µA
ACSET Input Bias Current
ACSET
 1.26V
2.2
3.4
4.4
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com