Electronic Components Datasheet Search
  English  ▼

X  

ISL6532ACR Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6532ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532ACR Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6532ACR Datasheet HTML 9Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ISL6532A
FN9099 Rev 6.00
Page 13 of 18
Sep 12, 2013
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain and the output filter (LO and CO), with a double pole
break frequency at FLC and a zero at FESR. The DC Gain of
the modulator is simply the input voltage (VIN) divided by the
peak-to-peak oscillator voltage
VOSC.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the ISL6532A) and the impedance networks ZIN
and ZFB. The goal of the compensation network is to provide a
closed loop transfer function with the highest 0dB crossing
frequency (f0dB) and adequate phase margin. Phase margin is
the difference between the closed loop phase at f0dB and 180°.
The following equations relate the compensation network’s
poles, zeros and gain to the components (R1, R2, R3, C1, C2,
and C3) in Figure 5. Use these guidelines for locating the poles
and zeros of the compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth.
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC).
3. Place 2ND Zero at Filter’s Double Pole.
4. Place 1ST Pole at the ESR Zero.
5. Place 2ND Pole at Half the Switching Frequency.
6. Check Gain against Error Amplifier’s Open-Loop Gain.
7. Estimate Phase Margin - Repeat if Necessary.
Compensation Break Frequency Equations
Figure 6 shows an asymptotic plot of the DC-DC converter’s
gain vs frequency. The actual Modulator Gain has a high gain
peak due to the high Q factor of the output filter and is not
shown in Figure 6. Using the above guidelines should give a
Compensation Gain similar to the curve plotted. The open loop
error amplifier gain bounds the compensation gain. Check the
compensation gain at fP2 with the capabilities of the error
amplifier. The Closed Loop Gain is constructed on the graph of
Figure 6 by adding the Modulator Gain (in dB) to the
Compensation Gain (in dB). This is equivalent to multiplying
the modulator transfer function to the compensation transfer
function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45 °.
Include worst case component variations when determining
phase margin.
Feedback Compensation - AGP LDO Controller
Figure 7 shows the AGP LDO power and control stage. This
LDO, which uses a MOSFET as the linear pass element,
requires feedback compensation to insure stability of the
system. The LDO requires compensation because of the
output impedance of the error amplifier.
To properly compensate the LDO system, a 100k
 1% resistor
and a 680pF X5R ceramic capacitor, represented as R10 and
FIGURE 5. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN AND OUTPUT
VOLTAGE SELECTION
VDDQ
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
REFERENCE
R1
R3
R2
C3
C1
C2
COMP
VDDQ
FB
ZFB
ISL6532A
ZIN
COMPARATOR
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
OSC
R4
VDDQ
0.8
1
R1
R4
-------
+



=
FLC
1
2
 x LO x CO
-------------------------------------------
=
FESR
1
2
 x ESR x CO
--------------------------------------------
=
(EQ. 4)
fZ1
1
2
 x R
2 x C2
------------------------------------
=
fZ2
1
2
 x R
1
R3
+
 x C
3
-------------------------------------------------------
=
fP1
1
2
 x R
2 x
C1 x C2
C1 C2
+
----------------------



---------------------------------------------------------
=
fP2
1
2
 x R
3 x C3
------------------------------------
=
(EQ. 5)
100
80
60
40
20
0
-20
-40
-60
fP1
fZ2
10M
1M
100k
10k
1k
100
10
OPEN LOOP
ERROR AMP GAIN
fZ1
fP2
20LOG
fLC
fESR
COMPENSATION
FREQUENCY (Hz)
GAIN
20LOG
(VIN/VOSC)
MODULATOR
GAIN
(R2/R1)
FIGURE 6. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
CLOSED LOOP
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com