Electronic Components Datasheet Search
  English  ▼

X  

ISL6532ACR Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6532ACR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532ACR Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6532ACR Datasheet HTML 10Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 11Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 12Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 13Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 14Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 15Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 16Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 17Page - Renesas Technology Corp ISL6532ACR Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL6532A
FN9099 Rev 6.00
Page 14 of 18
Sep 12, 2013
C25 in Figure 7, are used. This compensation will insure a
stable system with any MOSFET given the following
conditions:
Maximum bandwidth will be realized at full load while minimum
bandwidth will be realized at no load. Bandwidth at no load will
be maximized as
 becomes closer to 10s.
Output Voltage Selection
The output voltage of the VDDQ PWM converter can be
programmed to any level between VIN and the internal
reference, 0.8V. An external resistor divider is used to scale
the output voltage relative to the reference voltage and feed it
back to the inverting input of the error amplifier, see Figure 5.
However, since the value of R1 affects the values of the rest of
the compensation components, it is advisable to keep its value
less than 5k
. Depending on the value chosen for R1, R4 can
be calculated based on the Equation 7:
If the output voltage desired is 0.8V, simply route VDDQ back
to the FB pin through R1, but do not populate R4.
The output voltage for the internal VTT linear regulator is set
internal to the ISL6532A to track the VDDQ voltage by 50%.
There is no need for external programming resistors.
As with the VDDQ PWM regulator, the AGP linear regulator
output voltage is set by means of an external resistor divider as
shown in Figure 7. For stability concerns described earlier, the
recommended value of the feedback resistor, R8, is 249. The
voltage programming resistor, R9 can be calculated based on
the Equation 8:
Component Selection Guidelines
Output Capacitor Selection - PWM Buck Converter
An output capacitor is required to filter the inductor current and
supply the load transient current. The filtering requirements are
a function of the switching frequency and the ripple current.
The load transient requirements are a function of the slew rate
(di/dt) and the magnitude of the transient load current. These
requirements are generally met with a mix of capacitors and
careful layout.
DDR memory systems are capable of producing transient load
rates above 1A/ns. High frequency capacitors initially supply
the transient and slow the current load rate seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (Effective Series Resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage
and the initial voltage drop after a high slew-rate transient. An
aluminum electrolytic capacitor’s ESR value is related to the
case size with lower ESR available in larger case sizes.
However, the Equivalent Series Inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable component. In
most cases, multiple electrolytic capacitors of small case size
perform better than a single large case capacitor.
Output Capacitor Selection - LDO Regulators
The output capacitors used in LDO regulators are used to
provide dynamic load current. The amount of capacitance and
type of capacitor should be chosen with this criteria in mind.
Output Inductor Selection
The output inductor is selected to meet the output voltage
ripple requirements and minimize the converter’s response
time to the load transient. The inductor value determines the
converter’s ripple current and the ripple voltage is a function of
the ripple current. The ripple voltage and current are
approximated by the following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values reduce the
converter’s response time to a load transient.
DRIVE2
FB2
ISL6532A
VAGP
VDDQ
FIGURE 7. COMPENSATION AND OUTPUT VOLTAGE
SELECTION OF THE LINEAR
650
R9
R10
C25
+
-
0.8V
+
OUTPUT
IMPEDANCE
R8
REFERENCE
ESR
COUT
RLOAD
VAGP
0.8
1
R8
R9
-------
+



=
COUT ESR
10
s
=
RFB
R8
249
==
(EQ. 6)
R4
R1 0.8V
VDDQ - 0.8V
------------------------------------
=
(EQ. 7)
R9
R8 0.8V
VAGP - 0.8V
-----------------------------------
=
(EQ. 8)
I=
VIN - VOUT
Fs x L
VOUT
VIN
VOUT = I x ESR
x
(EQ. 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com