Electronic Components Datasheet Search
  English  ▼

X  

ISL6532BCR Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6532BCR
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6532BCR Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6532BCR Datasheet HTML 7Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 8Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 9Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 10Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 11Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 12Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 13Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 14Page - Renesas Technology Corp ISL6532BCR Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
FN9120 Rev 3.00
Page 14 of 15
Jul 2004
ISL6532B
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003-2004. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
ISL6532B Application Circuit
Figure 7 shows an application circuit utilizing the ISL6532B.
Detailed information on the circuit, including a complete Bill-of-
Materials and circuit board description, can be found in
Application Note AN1055.
FIGURE 7. DDR SDRAM AND AGP VOLTAGE REGULATOR USING THE ISL6532B
10.0k
1
F
5VSBY
UGATE
FB
COMP
ISL6532B
C17,18
LGATE
VCC12
VTT
VTT
+
VTT
VREF_IN
VREF_OUT
VTTSNS
PGOOD
+3.3V
VDDQ
Q1,3
2.5V
+
+
Q2,4
VCC5
NCH
VREF
VDDQ
Q5
VDDQ
VDDQ
S5
S3
SLP_S5#
SLP_S3#
PGOOD
C16
R2
1
F
L1
2.1
H
L2
2.1
H
4.99k
R1
C19
0.47
F
C6-8
C9-12
1800
F
22
F
6.8nF
C14
825
R6
C15
C13
R5
R4
R3
22.6
1.74k
19.1k
56nF
1000pF
1.25V
+
VDDQ
C20
220
F
C21
220
F
C26
0.1
F
C27
0.1
F
C1-3
2200
F
C4,5
1
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com