Electronic Components Datasheet Search
  English  ▼

X  

ISL6842IBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6842IBZ
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6842IBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6842IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6842IBZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845
FN9124 Rev 13.00
Page 14 of 14
February 18, 2015
Package Outline Drawing
L8.2x3
8 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 3/15
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
The configuration of the pin #1 identifier is optional, but must be
between 0.25mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
Compies to JEDEC MO-229 VCED-2.
7.
(4X)
0.15
INDEX AREA
PIN 1
PIN #1
C
SEATING PLANE
BASE PLANE
0.08
SEE DETAIL "X"
C
C
4
6
A
B
0.90 ±0.10
0.05 MAX
0.05 MAX
0.20 REF
2.00
2X 1.50
8X 0.40 ±0.10
8X 0.25 +0.07/-0.05
INDEX AREA
6X 0.50
(1.65)
(1.50)
(8X 0.60)
(8X 0.25)
(1.80)
(2.80)
(6X 0.50)
1
8
0.10
A
MC
B
0.10 C
1.80 +0.10/-0.15
1.65 +0.10/-0.15
either a mold or mark feature.
Tiebar shown (if present) is a non-functional feature and may be
located on any of the 4 sides (or ends).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com