| Electronic Components Datasheet Search |
|
ISL6842IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL6842IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp |
|
2 / 14 page ![]() ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845 FN9124 Rev 13.00 Page 2 of 14 February 18, 2015 Ordering Information PART NUMBER (Note 4) PART MARKING TEMP RANGE (°C) PACKAGE PKG. DWG. # ISL6840IRZ-T (Notes 2, 3) 40Z -40 to +105 8 Ld 2x3 DFN (Pb-free) L8.2x3 ISL6840IUZ (Notes 1, 3) 6840Z -40 to +105 8 Ld MSOP (Pb-free) M8.118 ISL6841IUZ (Notes 1, 3) 6841Z -40 to +105 8 Ld MSOP (Pb-free) M8.118 ISL6842IBZ (Notes 1, 3) 6842 IBZ -40 to +105 8 Ld SOIC (Pb-free) M8.15 ISL6842IRZ-T (Notes 2, 3) (No longer available, recommended replacement: ISL6842IBZ-T) 42Z -40 to +105 8 Ld 2x3 DFN (Pb-free) L8.2x3 ISL6842IUZ (Notes 1, 3) (No longer available, recommended replacement: ISL6842IBZ) 6842Z -40 to +105 8 Ld MSOP (Pb-free) M8.118 ISL6843IBZ (Notes 1, 3) 6843 IBZ -40 to +105 8 Ld SOIC (Pb-free) M8.15 ISL6843IU-T (No longer available, recommended replacement: ISL6843IUZ-T) 6843 -40 to +105 8 Ld MSOP M8.118 ISL6843IUZ (Notes 1, 3) 6843Z -40 to +105 8 Ld MSOP (Pb-free) M8.118 ISL6844IBZ (Notes 1, 3) (No longer available, recommended replacement: ISL8844AABZ) 6844 IBZ -40 to +105 8 Ld SOIC (Pb-free) M8.15 ISL6845IBZ (Notes 1, 3) (No longer available, recommended replacement: ISL8845AABZ) 6845 IBZ -40 to +105 8 Ld SOIC (Pb-free) M8.15 ISL6841EVAL3Z Evaluation Board NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. Contact Factory for Availability. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. For Moisture Sensitivity Level (MSL), please see device information page for ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845.For more information on MSL please see tech brief TB363. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |