Electronic Components Datasheet Search
  English  ▼

X  

MP2617B Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2617B Datasheet HTML 14Page - Monolithic Power Systems MP2617B Datasheet HTML 15Page - Monolithic Power Systems MP2617B Datasheet HTML 16Page - Monolithic Power Systems MP2617B Datasheet HTML 17Page - Monolithic Power Systems MP2617B Datasheet HTML 18Page - Monolithic Power Systems MP2617B Datasheet HTML 19Page - Monolithic Power Systems MP2617B Datasheet HTML 20Page - Monolithic Power Systems MP2617B Datasheet HTML 21Page - Monolithic Power Systems MP2617B Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
18
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
When both M0 and M1 pins are float, they are
pulled to the logic high, under this condition, the
input current is limited to a default value of 2A.
Table 2
―Input Current Limit Setting
M0
M1
Mode
Low
Low
USB2.0 Mode
Low
High
USB3.0 Mode
High
Low
Programmable Mode
High/Float
High/Float
Default Mode
Input Voltage Limit Setting
The input voltage can be limited at a value set by
a resistor divider from IN pin to VLIM pin to
AGND according to the following expression
(Typical Application Circuit):
IN_LIM
R1+R2
V
=1.52
(V)
R2
When the voltage on VLIM pin drops and hits the
reference voltage 1.52V, the input voltage will be
clamped to the setting value.
Battery Charger
The MP2617A and MP2617B completes charge
operation consist of trickle charge, automatic
charge termination, charge status indication,
timer control, NTC indication, automatic recharge,
and thermal limiting.
When the PWM converter is out of soft start, the
battery charge cycle begins, the MP2617A and
MP2617B first determines if the battery is deeply
discharged. If the battery voltage is lower than
the trick charge threshold (typical 3.0V), the
battery charger starts in
“trickle charge mode”.
The trickle charge current is limited to 10% of the
programmed charge current until the battery
voltage reaches 3.0V. If the charge stays in the
“trickle charging mode” for longer than ”trickle
charge timer period”, the “timer out” condition is
triggered, the charge is terminated and CHGOK
_____________
will start blinking to indicate that the battery is
unresponsive. When the battery voltage is above
3.0
V, the charger is operating at “constant
current mode.” The current delivered to the
battery will try to reach the value programmed by
the ISET pin. Depending on the available input
power and system load conditions, the battery
charger may or may not be able to charge at the
full programmed rate. The system load is always
satisfied first over the battery charge current. If
the system load requirement is low, the battery
can be charged at full constant current.
When the battery voltage reaches the battery full
threshold, the charger
enters the “constant
voltage mode
” operation.
End of Charge (EOC) and Indication
In constant voltage charge mode, the battery
voltage is regulated at 4.2V (MP2617B) and
4.35V (MP2617A) (when SYSFB is float or SYS
is programmed higher than battery full threshold)
and the charge current decreases naturally.
Once the charge current hits the battery full
threshold IBF (1/10 programmed charge current),
the battery is fully charged and charge cycle is
terminated.
If the charge current drops below IBF because of
any limit condition, the MP2617A and MP2617B
will come out of CV mode, and the charge full
detection is invalid.
A safe timer starts at the beginning of each new
charge cycle and it monitors if the whole charge
period is within the programmed time limit. After
each charge cycle, when the battery is indicated
as full, the timer counter will be reset. If the time
is expired while the charging is still on going, the
timer will force the MP2617A and MP2617B to
terminate charging CHGOK
_____________
is blinking to indicate
the fault condition.
If system voltage is programmed lower than 4.2V
(MP2617B) and 4.35V (MP2617A) by the resistor
divider at the SYSFB pin, the battery will be
charged most close to VSYS until the charge
current reaches the IBF threshold.
Automatic Recharge
Once the battery charge cycle is completed, the
MP2617A and MP2617B turns off indicating the
battery full status. During this process, the
battery power may be consumed by the system
load or self discharge. If the input power is
always on, to ensure the battery not to be
exhausted,
the
new
charge
cycle
will
automatically begin when the battery voltage falls
below the auto-recharge threshold VRCHG when
the SYSFB is float, and 50mV lower if the SYSFB
is connected to a resistor divider. The timer will
re-start when the auto-recharge cycle begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com