Electronic Components Datasheet Search
  English  ▼

X  

MP2617B Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2617B
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617B Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2617B Datasheet HTML 21Page - Monolithic Power Systems MP2617B Datasheet HTML 22Page - Monolithic Power Systems MP2617B Datasheet HTML 23Page - Monolithic Power Systems MP2617B Datasheet HTML 24Page - Monolithic Power Systems MP2617B Datasheet HTML 25Page - Monolithic Power Systems MP2617B Datasheet HTML 26Page - Monolithic Power Systems MP2617B Datasheet HTML 27Page - Monolithic Power Systems MP2617B Datasheet HTML 28Page - Monolithic Power Systems MP2617B Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
25
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Input Current Limit
First the input current limit can be set by the M0
and M1 pins refer to the Table 1, the exact
current value in minimum, typical and maximum
is listed in the EC table.
Under program mode, connect a resistor from
the ILIM pin to AGND to program the input
current limit for different input ports. The
relationship between the input current limit and
setting resistor is as Equation (1) which is
shown in following again:
IN_LIM
ILIM
40000
I
=1.14
(mA)
R
(k
Ω)
(1)
For MP2617A/B, IILIM is not over 3A.
The tolerance is ±8% of the input current limit
setting.
So for a required minimum input current limit
value, just calculate its typical value first, then
calculate the setting resistor based on Equation
(1). Also the maximum value can be calculated
according to the tolerance.
1% accuracy
resistor is used for this setting. Also, for a given
resistor of RILIM, the input current limit can be
calculated. Following table is an example:
Table 3: Example of RILIM setting
Therefore, if customer selected a 54.9k in 1%
accuracy resistor for the input current limit
setting, then the typical input current limit value
is 830.6mA, the minimum is 756.6mA and the
maximum is 906mA.
Setting the Charge Current
RISET connecting from the ISET pin to AGND
sets the charge current (ICHG). The relationship
between the charge current and setting resistor
is as Equation (2) which is shown in following
again:
CHG
SET
1800
I
1.15
(mA)
R
(k )

(2)
For example, if the typical ICHG is designed as
2A, then the RSET is calculated at 1.05kΩ. The
tolerance of the ICHG setting is ±10%. If the
minimum
or
maximum
charge
current
is
required, first the typical value should be
calculated according to the tolerance. After that,
calculate the resistor according to formula (2).
1% accuracy resistor is used for this setting.
For a given setting resistor, the charge current
can be calculated by the same way did in the
input current limit setting. Usually in USB mode,
the charge current is always set over the USB
input limit specification. Then the MP2625
regulates the input current constant at the
limitation value. Thus the real CC charge
current is not the setting value, it varies with
different input and battery voltages.
The maximum
CC
charge
value
can
be
calculated as:
)
A
(
V
I
V
I
TC
ILIM
IN
MAX
_
CC
(3)
Where VTC
is trickle charge threshold (3V) and η
is
the
current
charge
efficiency.
Assume
VIN=5.5V,
IILIM=1A,
suppose
η=83%, thus
ICC_MAX=1.52A.
Figure 7 shows a calculating charge current
curve by limiting the input current limit.
Ilim=
1A
Ilim=0.8
25A
3V
4.2V
Battery Voltage
1A
2A
Ilim=1.44A
Figure 3
—I
CHG Variation with Different Input
Current Limit
Setting the Input Voltage Limit
The input clamp voltage is set using a resistive
voltage divider from the input voltage to VLIM
pin. The voltage divider divides the input
voltage down to the limit voltage by the ratio:
(V)
R2
+
R1
R2
×
V
=
V
IN_LIM
VLIM
(4)
Resistor
RILIM
(kΩ)
IIN_LIM
(mA)
8%
-8%
Typ.
54.9
830.601
897.049
764.153
Min.
54.351
838.991
906.11
771.872
Max.
55.449
822.377
888.168
756.587



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com