Electronic Components Datasheet Search
  English  ▼

X  

VIHAM-ML Datasheet(PDF) 2 Page - Vicor Corporation

Part # VIHAM-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAM-ML Datasheet(HTML) 2 Page - Vicor Corporation

  VIHAM-ML Datasheet HTML 1Page - Vicor Corporation VIHAM-ML Datasheet HTML 2Page - Vicor Corporation VIHAM-ML Datasheet HTML 3Page - Vicor Corporation VIHAM-ML Datasheet HTML 4Page - Vicor Corporation VIHAM-ML Datasheet HTML 5Page - Vicor Corporation VIHAM-ML Datasheet HTML 6Page - Vicor Corporation VIHAM-ML Datasheet HTML 7Page - Vicor Corporation VIHAM-ML Datasheet HTML 8Page - Vicor Corporation VIHAM-ML Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 2 of 10
08/2017
VxHAMxL
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
85
264
VAC
Rectified AC for HAMD, BAMD
HAM, HAMD, BAMD
AC line frequency
47
63
Hz
Unit will operate at 400Hz but may not meet
PF or THD specs
Power factor
0.99
115 / 230VAC, 50 – 100% load
Total harmonic distortion
7.5
%
115VAC, sinusoidal input, full load
(line current)
8.5
%
230VAC, sinusoidal input, full load
Inrush current
20
Amps
230VAC, full load
13
Amps
115VAC, full load
CM Filter Inductance
3
6
mH
External to HAM module (see Fig. 10)
DM Filter Inductance
0.2
0.35
0.75
mH
External to HAM module (see Fig. 10)
OUTPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Power OK threshold
270
VDC
Module enable/disable
240
250
260
VDC
threshold
Auxiliary output
19
23
VDC
≤ 3mA
3
mA
Do not overload or add external capacitance
INPUT SPECIFICATIONS (HAM-xL, HAMD-xL, BAMD-xL)
CONTROL SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Maximum output power
675
Watts
See power derating graph, Fig.3
Output voltage
278
280
282
VDC
115VAC In
360
365
370
VDC
230VAC In (see Fig. 3)
Efficiency
90
91
%
115VAC, sinusoidal input, full load
93
94
%
230VAC, sinusoidal input, full load
External hold up capacitance
500
3,000
µF
300W, 500µF minimum, external to HAM
per HAM
675W, 1,000µF minimum, external to HAM
Ride through / hold up time
16
ms
675W output with 1,000µF hold up capacitor, external to HAM
Ripple
7
10
Vp-p
115VAC, full load, 1,000µF hold up capacitor, external to HAM
5
6
Vp-p
230VAC, full load, 1,000µF hold up capacitor, external to HAM
Short circuit shut down current
100
mA
Foldback current limiting
Electrical Characteristics
Electrical characteristics apply over the specified operating voltage range, output load and baseplate temperature, unless otherwise specified.
All temperatures refer to the operating temperature of the baseplate. Specifications apply for AC mains having no more than 5% total harmonic distortion.
Includes external rectifier
loss for HAMD and BAMD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com