Electronic Components Datasheet Search
  English  ▼

X  

VIHAM-ML Datasheet(PDF) 4 Page - Vicor Corporation

Part # VIHAM-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIHAM-ML Datasheet(HTML) 4 Page - Vicor Corporation

  VIHAM-ML Datasheet HTML 1Page - Vicor Corporation VIHAM-ML Datasheet HTML 2Page - Vicor Corporation VIHAM-ML Datasheet HTML 3Page - Vicor Corporation VIHAM-ML Datasheet HTML 4Page - Vicor Corporation VIHAM-ML Datasheet HTML 5Page - Vicor Corporation VIHAM-ML Datasheet HTML 6Page - Vicor Corporation VIHAM-ML Datasheet HTML 7Page - Vicor Corporation VIHAM-ML Datasheet HTML 8Page - Vicor Corporation VIHAM-ML Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 4 of 10
08/2017
VxHAMxL
Technical Description
The HAM (Figure 1) consists of a full-wave rectifier, a
high-frequency zero-current switching (ZCS) boost converter,
active inrush current limiting, short-circuit protection, control and
housekeeping circuitry. The incoming AC line is rectified and fed
to the boost converter. The control circuitry varies the operating
frequency of the boost converter to maintain the output voltage
of the HAM above the peak of the incoming line, while forcing
the input current to follow the waveshape and phase of the line
voltage. The AC input current follows the voltage waveform and a
power factor better than 0.99 is achieved. Operating efficiency of
the boost converter is optimized at any incoming line voltage by an
adaptive output voltage (Figure 3) control scheme.
The output voltage of the HAM is a function of incoming AC line
voltage (Figure 3). On a nominal 115VAC line, the output voltage
of the HAM is 280VDC — well within the input operating voltage
range of Vicor V375 DC-DC converters. Above 180VAC input, the
output voltage linearly increases with input voltage. At 230VAC the
delivered voltage will be approximately 365VDC. For any given input
line voltage, the HAM maintains enough headroom between the
output voltage and peak input voltage to ensure high quality active
power factor correction without sacrificing operating efficiency.
Note:
Non-Isolated
Output
Gate IN
Gate OUT
ZCS
Boost
Converter
Inrush
& Short
Circuit
Protection
High Frequency
Control
Voltage
Waveform
Current
Sense
AC
Line
Control
& House-
keeping
Circuitry
Output Voltage
Module Enable
Power OK
DC
OUT
Recti-
fier
Aux. Supply
+
–
NOTE: No input to output isolation.
InputVoltage
VRMS
Rated Output Power
Output Voltage
400
450
500
550
600
650
700
85
250
300
350
400
375
425
325
275
95 105 115 125 135 145 155 165 175 185 195 205 215 225 235 245 255 265
derate output power 11W/V for V
IN <110VAC
110
Figure 1 — HAM block diagram
Figure 2 — Input voltage and current wave forms,
with and without power factor correction
Without PFC
With PFC
Figure 3 — Output voltage and power rating versus input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com