Electronic Components Datasheet Search
  English  ▼

X  

MP6508 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6508
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6508 Datasheet HTML 1Page - Monolithic Power Systems MP6508 Datasheet HTML 2Page - Monolithic Power Systems MP6508 Datasheet HTML 3Page - Monolithic Power Systems MP6508 Datasheet HTML 4Page - Monolithic Power Systems MP6508 Datasheet HTML 5Page - Monolithic Power Systems MP6508 Datasheet HTML 6Page - Monolithic Power Systems MP6508 Datasheet HTML 7Page - Monolithic Power Systems MP6508 Datasheet HTML 8Page - Monolithic Power Systems MP6508 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
5
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN=9V, TA=25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Cross Over Delay
TCROSS
LS off to HS on for one bridge
arm
350
450
550
ns
HS off to LS on for one bridge
arm
275
355
435
ns
Sleep Mode Wakeup Time
TWAKE
Sleep active high to full bridge
turn on (V
BST=100nF)
0.65
0.75
0.9
ms
Protection Circuitry
Current Limit Sense Trip
Voltage
V
REF
ATT1=L, ATT2=L
175
204
233
mV
Blanking Time
TBLANK
2
2.5
3
µs
Over-Current Trip Level
IOCP1
High Side
2.2
3.4
4.6
A
IOCP2
Low Side
1.8
2.4
3
A
Over-Current Deglitch Time
TDEG
0.75
1.1
1.45
µs
Over-Current Protection
Period
TOCP
1.3
1.8
2.3
ms
Thermal Shutdown
165
°C
Thermal Shutdown
Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com