Electronic Components Datasheet Search
  English  ▼

X  

MP6508 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6508
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6508 Datasheet HTML 1Page - Monolithic Power Systems MP6508 Datasheet HTML 2Page - Monolithic Power Systems MP6508 Datasheet HTML 3Page - Monolithic Power Systems MP6508 Datasheet HTML 4Page - Monolithic Power Systems MP6508 Datasheet HTML 5Page - Monolithic Power Systems MP6508 Datasheet HTML 6Page - Monolithic Power Systems MP6508 Datasheet HTML 7Page - Monolithic Power Systems MP6508 Datasheet HTML 8Page - Monolithic Power Systems MP6508 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6508
2.7V-to-18V, 1.2A, Bipolar Stepper Motor
Driver with Integrated MOSFETs
MP6508 Rev.1.0
www.MonolithicPower.com
1
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP6508 is a bipolar stepper-motor driver
with dual, built-in full-bridges consisting of N-
channel power MOSFETs.
It operates from a supply voltage ranging from
2.7V to 18V and can deliver motor current up
to 1.2A per channel. The Internal safety
features include over-current protection(OCP),
under-voltage lockout protection(UVLO) and
thermal shutdown. A fault output flag is
available
to
indicate
OCP
and
thermal
shutdown.
The
MP6508
comes
in
both
16-pin,
5.0mmx6.4mm
TSSOP-EP
and
4mmx4mm
QFN package with an exposed thermal pad on
the backside.
FEATURES
 Wide 2.7V to 18V Input Voltage Range
 Two Internal Full Bridge Drivers
 Low On Resistance(HS:250mΩ; LS:250mΩ)
 Internal Charger Pump for the High-Side
Driver
 Low Quiescent Current:1.6mA
 Low Sleep Current: 1uA
 Over-Current Protection
 Thermal Shutdown and UVLO Protection
 Fault Indication Output
 Thermally-Enhanced Surface-Mount
Package
APPLICATIONS
 POS Printers
 Video Security Camera
 Digital Still Cameras
 Battery Powered Toys
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6508
SENA
WindingA
SENB
RSENB
C1
C2
C3
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1uF
10uF
2.2uF
nSLEEP
Motor
BST
VIN
AOUT1
AOUT2
BOUT1
BOUT2
Fault
VDD
VIN
MP6508
SENA
SENB
RSENB
C1
C2
C3
OFF
ON
RSENA
GND
FAULT
BIN2
AIN1
AIN2
BIN1
0.1uF
10uF
2.2uF
nSLEEP
Motor
Stepper Motor Application
Dual DC Motor Application


Similar Part No. - MP6508

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6508A MPS-MP6508A Datasheet
688Kb / 17P
2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
Rev. 1.0 4/12/2023
MP6508AGQ MPS-MP6508AGQ Datasheet
688Kb / 17P
2.7V to 18V, 1.2A, Bipolar Stepper Motor Driver in a QFN-16 (3mmx3mm) Package
Rev. 1.0 4/12/2023
More results

Similar Description - MP6508

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9942 STMICROELECTRONICS-L9942 Datasheet
575Kb / 37P
Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
07-Nov-2005
logo
Eutech Microelectronics...
EUM6270 EUTECH-EUM6270 Datasheet
120Kb / 1P
1.2A/18V PWM Fan Motor Driver
logo
Monolithic Power System...
EV6509GF-00A MPS-EV6509GF-00A Datasheet
351Kb / 7P
1.2A,18V, Bipolar Stepper Motor Driver Evaluation Board
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6504 MPS-MP6504 Datasheet
899Kb / 16P
8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com