Electronic Components Datasheet Search
  English  ▼

X  

MP6509 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6509
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6509 Datasheet HTML 5Page - Monolithic Power Systems MP6509 Datasheet HTML 6Page - Monolithic Power Systems MP6509 Datasheet HTML 7Page - Monolithic Power Systems MP6509 Datasheet HTML 8Page - Monolithic Power Systems MP6509 Datasheet HTML 9Page - Monolithic Power Systems MP6509 Datasheet HTML 10Page - Monolithic Power Systems MP6509 Datasheet HTML 11Page - Monolithic Power Systems MP6509 Datasheet HTML 12Page - Monolithic Power Systems MP6509 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP6509 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6509 Rev.1.0
www.MonolithicPower.com
9
8/28/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
nSLEEP
Sleep Mode Input. Logic low to enter low-power sleep mode. Internal pull down.
2
AOUT1
Bridge A Output Terminal 1.
3,8
NC
Not Connected.
4
SENA
Bridge A Sense Resistor Connector. Connect to current sensor resistor for bridge A
5
AOUT2
Bridge A Output Terminal 2.
6
BOUT2
Bridge B Output Terminal 2.
7
SENB
Bridge B Sense Resistor Connector. Connect to current sensor resistor for bridge B.
9
BOUT1
Bridge B Output Terminal 1.
10
FAULT
Fault Indication. Open-drain output type, logic low when in fault condition (OCP, OTP).
11
BIN1
Gate signal input to control BOUT1.
12
BIN2
Gate signal input to control BOUT2.
13
ATT2
Current Attenuation Mode Select. See applications notes for details. ATT1, ATT2 set
the current setting reference voltage attenuation ratio –100%, 80%, 50%, 20%. Internal
pull down.
14
ATT1
15
BST
Charge Pump Output. Connect a 10nF-to-100nF ceramic capacitor to VIN.
16
VIN
Power Supply Input. Ranges from 2.7V to 18V.
17
GND
Ground.
18
VDD
Internal control and logic supply voltage.
19
AIN2
Gate signal input to control AOUT2.
20
AIN1
Gate signal input to control AOUT1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com