Electronic Components Datasheet Search
  English  ▼

X  

MP6509 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP6509
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP6509 Datasheet HTML 7Page - Monolithic Power Systems MP6509 Datasheet HTML 8Page - Monolithic Power Systems MP6509 Datasheet HTML 9Page - Monolithic Power Systems MP6509 Datasheet HTML 10Page - Monolithic Power Systems MP6509 Datasheet HTML 11Page - Monolithic Power Systems MP6509 Datasheet HTML 12Page - Monolithic Power Systems MP6509 Datasheet HTML 13Page - Monolithic Power Systems MP6509 Datasheet HTML 14Page - Monolithic Power Systems MP6509 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP6509 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6509 Rev.1.0
www.MonolithicPower.com
14
8/28/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Driver Mode:
The MP6509 could be configured for both full-
step and half-step modes by sequentially
energizing the two windings.
Full-step drive energizes two winding phases at
any given time. The stator windings are
energized as per the sequence shown in Table 4.
There are a total of four steps for one cycle in the
sequence (5): AB A
——
B A
——
B
——
AB
——
.
Half-step energizes the stator windings as per
the sequence shown in
Table 5. There are a total of eight steps for one
cycle: AB B A
——
B A
——
A
——
B
——
B
——
AB
——
A.
Figure 7 shows the operating waveforms for both
full and half step drives.
AIN1
AIN2
BIN1
BIN2
H
L
H
L
H
L
H
L
AOUT1-OUT2
BOUT1-OUT2
+VIN
-VIN
0
+VIN
-VIN
0
AB
AB
AB
B
AB
AB
AB
AB
A
B
AB
AAB
Full Step
Half Step
Figure 7: Signal Logic Sequences for Full-Step
and Half-Step
Table 4
(6): Full-Step Drive Sequence
Sequence
(Full Step)
1
2
3
4
A
+
+
B
+
+
A
——
+
+
B
——
+
+
Table 5
(6): Half-Step Drive Sequence
Sequence
(Half Step)
1
2
3
4
5
6
7
8
A
+
+
+
B
+
+
+
A
——
+
+
+
B
——
+
+
+
Note:
5) A means +VIN between AOUT1 and AOUT2 for winding A,
while A
—
means -VIN between AOUT1 and AOUT2. The same
applies to winding B.
6) “+” item is the selected winding voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com